Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments TAS3002 Datasheet HTML 41Page - Texas Instruments TAS3002 Datasheet HTML 42Page - Texas Instruments TAS3002 Datasheet HTML 43Page - Texas Instruments TAS3002 Datasheet HTML 44Page - Texas Instruments TAS3002 Datasheet HTML 45Page - Texas Instruments TAS3002 Datasheet HTML 46Page - Texas Instruments TAS3002 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
7−10
Table 7−5. 2048-Byte EEPROM Memory Map—2.1 Speakers With Multiple Equalizations
TAS3002 ADDRESS
NUMBER
OF BYTES
FUNCTION
CATEGORY
TAS3001 ADDRESS
LEFT CHANNEL
TAS3001 ADDRESS
RIGHT CHANNEL
000h
1
Signature (2Ah)
001h
1
1
0
0
0
0
0
0
1
002h
1
MCR
1EFh
003h−00Bh
9/3
Mixer left gain
1F0h−1F2h
00Ch−014h
9/3
Mixer right gain
1F3h−1F5h
015h−019h
6/2
DRC (ratio, threshold, energy
α, attackα, decayα)
1F6h−1F7h
01Ah
1
Bass
1F8h
01Bh
1
Treble
1F9h
01Ch−021h
6
Volume
1FAh−1FFh
031h−03Fh
15
Biquad 0
186h−194h
3A4h−3B2h
040h−04Eh
15
Biquad 1
195h−1A3h
3B3h−3C1h
04Fh−05Dh
15
Biquad 2
1A4h−1B2h
3C2h−3D0h
05Eh−06Ch
15
Biquad 3
Set 0
1B3h−1C1h
3D1h−3DFh
06Dh−07Bh
15
Biquad 4
Set 0
1C2h−1D0h
3E0h−3EEh
07Ch−08Ah
15
Biquad 5
1D1h−1DFh
3EFh−3FDh
08Bh−099h
15
Biquad 6
1E0h−1EEh
3FEh−40Ch
09Ah−185h
236
Bass treble table
200h−20Eh
15
Biquad 0
5B1h−5BFh
40Dh−41Bh
20Fh−21Dh
15
Biquad 1
5C0h−5CEh
41Ch−42Ah
21Eh−22Ch
15
Biquad 2
5CFh−5DDh
42Bh−439h
22Dh−23Bh
15
Biquad 3
Set 1
5DEh−5ECh
43Ah−448h
23Ch−24Ah
15
Biquad 4
Set 1
5EDh−5FBh
449h−457h
24Bh−259h
15
Biquad 5
5FCh−60Ah
458h−466h
25Ah−268h
15
Biquad 6
60Bh−619h
467h−475h
269h−277h
15
Biquad 0
61Ah−628h
476h−484h
278h−286h
15
Biquad 1
629h−637h
485h−493h
287h−295h
15
Biquad 2
638h−646h
494h−4A2h
296h−2A4h
15
Biquad 3
Set 2
647h−655h
4A3h−4B1h
2A5h−2B3h
15
Biquad 4
Set 2
656h−664h
4B2h−4C0h
2B4h−2C2h
15
Biquad 5
665h−673h
4C1h−4CFh
2C3h−2D1h
15
Biquad 6
674h−682h
4D0h−4DEh
2D2h−2E0h
15
Biquad 0
683h−691h
4DFh−4EDh
2E1h−2EFh
15
Biquad 1
692h−6A0h
4EEh−4FCh
2F0h−2FEh
15
Biquad 2
6A1h−6AFh
4FDh−50Bh
2FFh−30Dh
15
Biquad 3
Set 3
6B0h−6BEh
50Ch−51Ah
30Eh−31Ch
15
Biquad 4
Set 3
6BFh−6CDh
51Bh−529h
31Dh−32Bh
15
Biquad 5
6CEh−6DCh
52Ah−538h
32Ch−33Ah
15
Biquad 6
6DDh−6EBh
539h−547h
33Bh−349h
15
Biquad 0
6ECh−6FAh
548h−556h
34Ah−358h
15
Biquad 1
6FBh−709h
557h−565h
359h−367h
15
Biquad 2
70Ah−718h
566h−574h
368h−376h
15
Biquad 3
Set 4
719h−727h
575h−583h
377h−385h
15
Biquad 4
Set 4
728h−736h
584h−592h
386h−394h
15
Biquad 5
737h−745h
593h−5A1h
395h−3A3h
15
Biquad 6
746h−754h
5A2h−5B0h
NOTE: Bytes are in the same order as they appear in the I2C register map. The EEPROM address is A0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com