Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 44Page - Texas Instruments TAS3002 Datasheet HTML 45Page - Texas Instruments TAS3002 Datasheet HTML 46Page - Texas Instruments TAS3002 Datasheet HTML 47Page - Texas Instruments TAS3002 Datasheet HTML 48Page - Texas Instruments TAS3002 Datasheet HTML 49Page - Texas Instruments TAS3002 Datasheet HTML 50Page - Texas Instruments TAS3002 Datasheet HTML 51Page - Texas Instruments TAS3002 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
8−5
8.8
Digital-to-Analog Converter
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, fS = 48 kHz, input = 0 dB-fS sine wave at 1 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR (EIAJ)
A weighted
94
99
dB
Dynamic range
−60 dB, 1 kHz
92
96
dB
Signal to (noise + distortion) ratio
0 dB, 1 kHz, 20 Hz to 20 kHz
83
dB
Power supply rejection ratio
1 kHz
50
dB
Idle channel tone rejection
+118
dB
Intermodulation distortion
−75
dB
Frequency response
−0.5
+0.5
dB
Deviation from linear phase
±1.4
degree
DAC crosstalk
−96
dB
Jitter tolerance
150
ps
Full scale, single-ended, output voltage range
1.9
VPP
DC offset
−7.0
7.0
mV
8.9
DAC Output Performance Data
TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V
The output load resistance is connected through a dc blocking capacitor.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output load resistance
10
k
Ω
Output load capacitance
25
pF
VCOM internal resistance (see Note 4)
1
k
Ω
VCOM output CLOAD
10
100
µF
VRFILT internal resistance (see Note 5)
1
k
Ω
NOTES:
4. VCOM may vary during power down.
5. VRFILT must never be used as a voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com