Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 20 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 16Page - Texas Instruments TAS3002 Datasheet HTML 17Page - Texas Instruments TAS3002 Datasheet HTML 18Page - Texas Instruments TAS3002 Datasheet HTML 19Page - Texas Instruments TAS3002 Datasheet HTML 20Page - Texas Instruments TAS3002 Datasheet HTML 21Page - Texas Instruments TAS3002 Datasheet HTML 22Page - Texas Instruments TAS3002 Datasheet HTML 23Page - Texas Instruments TAS3002 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
4−3
4.6
Bass Control
The bass gain level can be adjusted within the range of 15 dB to −15 dB with 0.5-dB step resolution. The level changes
are accomplished by downloading bass codes (shown in NO TAG) into the bass frequency control register.
Alternatively, a limited range of bass control is available by asserting the bass-up or bass-down GPI terminal (see
Section 7.6.1).
Bass control is a shelf filter with a corner frequency of 250 Hz at a 48-kHz sample rate.
The gain values for bass control can be found in Section NO TAG.
4.7
De-Emphasis Mode (DM)
De-emphasis is implemented in the DAC and is software controlled. De-emphasis is valid at 44.1 kHz and 48 kHz.
To enable de-emphasis, values are written into the analog control register via the I2C command. See Section 4.8 for
analog control register operation.
Figure 4−2 illustrates the frequency response of the de-emphasis mode.
Response (dB)
3.18
(50
µs)
10.6
(15
µs)
Frequency (kHz)
De-Emphasis
Figure 4−2. De-Emphasis Mode Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com