Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 24Page - Texas Instruments TAS3002 Datasheet HTML 25Page - Texas Instruments TAS3002 Datasheet HTML 26Page - Texas Instruments TAS3002 Datasheet HTML 27Page - Texas Instruments TAS3002 Datasheet HTML 28Page - Texas Instruments TAS3002 Datasheet HTML 29Page - Texas Instruments TAS3002 Datasheet HTML 30Page - Texas Instruments TAS3002 Datasheet HTML 31Page - Texas Instruments TAS3002 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
6−1
6I2C Serial Control Interface
6.1
Introduction
Control parameters for the TAS3002 device can be loaded from an I2C serial EEPROM by using the TAS3002 master
interface mode. If no EEPROM is found, the TAS3002 device becomes a slave device and loads from another I2C
master interface. Information loaded into the TAS3002 registers is defined in Appendix A.
The I2C bus uses terminals 16 (SDA for data) and 15 (SCL for clock) to communicate between integrated circuits in
a system. These devices can be addressed by sending a unique 7-bit slave address plus R/W bit (1 byte). All
compatible devices share the same terminals via a bidirectional bus using a wired-AND connection. An external
pullup resistor must be used to set the high level on the bus. The TAS3002 device operates in standard mode up to
100 kbps with as many devices on the bus as desired up to the capacitance load limit of 400 pF.
Furthermore, the TAS3002 device supports a subset of the SMBus protocol. When it is attached to the SMBus, then
byte, word, and block transfers are supported. The SMBus NAK function is not supported and care must be taken
with the sequence of the instructions sent to the TAS3002 device.
Additionally, the TAS3002 device operates in either master or slave mode; therefore, at least one device connected
to the I2C bus must operate in master mode.
6.2
I2C Protocol
The bus standard uses transitions on SDA while the clock is high to indicate start and stop conditions. A high-to-low
transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal data bit transitions must occur
within the low time of the clock period. Figure 6−1 shows these conditions. These start and stop conditions for the
I2C bus are required by standard protocol to be generated by the master. The master must also generate the 7-bit
slave address and the read/write (R/W) bit to open communication with another device and then wait for an
acknowledge condition. The slave holds SDA low during acknowledge clock period to indicate an acknowledgment.
When this occurs, the master transmits the next byte of the sequence.
After each 8-bit word, an acknowledgment must be transmitted by the receiving device. There is no limit on the
number of bytes that can be transmitted between start and stop conditions. When the last word transfers, the master
generates a stop condition to release the bus. Figure 6−1 shows a generic data transfer sequence.
8-Bit Register Data
for Address (N+2)
SCL
SDA
Start
0
A
1
6
7
8-Bit Register Data
for Address (N+1)
0
A
1
6
7
8-Bit Register Data
for Address (N)
0
A
1
6
7
7-Bit
Slave Address
0
A
1
6
7
R/
W
Stop
Figure 6−1. Typical I2C Data Transfer Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com