Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 381 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 381 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 377Page - National Semiconductor (TI) PC87591E Datasheet HTML 378Page - National Semiconductor (TI) PC87591E Datasheet HTML 379Page - National Semiconductor (TI) PC87591E Datasheet HTML 380Page - National Semiconductor (TI) PC87591E Datasheet HTML 381Page - National Semiconductor (TI) PC87591E Datasheet HTML 382Page - National Semiconductor (TI) PC87591E Datasheet HTML 383Page - National Semiconductor (TI) PC87591E Datasheet HTML 384Page - National Semiconductor (TI) PC87591E Datasheet HTML 385Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
381
www.national.com
7.4.3
DAC Characteristics
7.5
PACKAGE THERMAL INFORMATION
Thermal resistance (degrees C/W) ThetaJC and ThetaJA values for the various packages of the PC87591x are as follows:
Table 70. Theta (
Θ) J Values
Airflow for ThetaJA values is measured in linear feet per minute (lfpm).
Parameter
Symbol
Conditions1
1. All parameters specified for 0
°C
≤ T
A ≤ 70°C. AVCC = 3.3V ± 5%, unless otherwise specified.
Min
Typ
Max
Unit
Resolution
RES
8
Bit
Offset Error2
2. The difference between 0V and the actual voltage value for code 0016.
OER
AVCC = 3.3V
±1
LSB
Gain Error3
3. The difference between 255/256 * AVCC and the actual voltage for code FF16.
GER
AVCC = 3.3V
±1
LSB
Integral Non-linearity Error4
4. The maximum difference between the ideal (straight) conversion line and the actual conversion curve, not
including the offset, gain and quantization (
±0.5 LSB) errors.
INL
AVCC = 3.3V,
0
≤ V
OUT ≤ AVCC
±0.5
LSB
Differential Non-linearity Error5
5. The maximum difference between an ideal step size (1 LSB) and any actual step size.
DNL
AVCC = 3.3V,
0
≤ V
OUT ≤ AVCC
±0.56
6. Monotonic.
LSB
Output Voltage Range
VOUT
0AVCC
V
Analog Output Resistance
RS
0
≤ V
OUT ≤ AVCC
234
K
Ω
Analog Output Capacitance
CAO
10
15
pF
DAC Settling Time7
7. Time from the converter loading with data, to output voltage settling within an error of
±0.5 LSB.
TSET
CL =50pF
1
µs
DAC Enable Delay8
8. Time from the moment when DACENn=1 in DACCTRL register until the settling of the output voltage.
TEND
CL =50pF
10
µs
Package Type
ThetaJA@0 lfpm ThetaJA@225 lfpm ThetaJA@500 lfpm ThetaJA@900 lfpm
ThetaJC
128 LQFP
47.1
34.6
29.3
28.8
15.3
176 LQFP
39.8
32.3
29.5
26.2
5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com