Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 385 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 385 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 381Page - National Semiconductor (TI) PC87591E Datasheet HTML 382Page - National Semiconductor (TI) PC87591E Datasheet HTML 383Page - National Semiconductor (TI) PC87591E Datasheet HTML 384Page - National Semiconductor (TI) PC87591E Datasheet HTML 385Page - National Semiconductor (TI) PC87591E Datasheet HTML 386Page - National Semiconductor (TI) PC87591E Datasheet HTML 387Page - National Semiconductor (TI) PC87591E Datasheet HTML 388Page - National Semiconductor (TI) PC87591E Datasheet HTML 389Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
385
www.national.com
7.6.3
Clock Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
Clock Input Timing
t32KCLKIN
131
Required clock period for
32KCLKIN
From RE to RE of 32KCLKIN
t32NOM = 30.517578
30.5145
(t32NOM −
100ppm)
30.5206
(t32NOM +
100ppm)
µs
Clock Output Timing
tCLK
132
CLK period
At 2.0V (both edges)
50
250
ns
tCLKh
132
CLK high time
At 2.0V (both edges)
0.5 * tCLK −
5ns
-
tCLKl
132
CLK low time
At 0.8V (both edges)
0.5 * tCLK −
5ns
-
tCLKr
132
CLK rise time
0.8V to 2.0V
6
ns
tCLKf
132
CLK fall time
2.0V to 0.8V
6
ns
tCLKw
133
CLK wake-up time
From wake-up event until
CLK starts toggling
100
µs
tCLKINTst
133
tCLK period
Active mode in steady state
0.99 *
tCLKINTnom
1
1. tCLKINTnom is defined in Table 36 on page 241.
1.01 *
tCLKINTnom
-
tCLKINTwk
133
tCLK period
After wake-up from Idle
0.9 *
tCLKINTnom
1.1 *
tCLKINTnom
-
tCLKstab
133
tCLK stabilization time
After wake-up from Idle
0.5
s
t32KW
131
32K oscillator wake-up time After VBAT >VLOWBAT
1s
t32KD
132
CLK delay time
After VCC >VCCON
40
ms
Flash Operation Frequency
fFMAX
Flash Section 0 and 1
maximal operation frequency
in Fast Read
CLK period
20
MHz
tFLPMAX
Flash Section 0 and 1
maximal operation frequency
in Low Power
CLK period
TBD
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com