Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 383 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 383 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 379Page - National Semiconductor (TI) PC87591E Datasheet HTML 380Page - National Semiconductor (TI) PC87591E Datasheet HTML 381Page - National Semiconductor (TI) PC87591E Datasheet HTML 382Page - National Semiconductor (TI) PC87591E Datasheet HTML 383Page - National Semiconductor (TI) PC87591E Datasheet HTML 384Page - National Semiconductor (TI) PC87591E Datasheet HTML 385Page - National Semiconductor (TI) PC87591E Datasheet HTML 386Page - National Semiconductor (TI) PC87591E Datasheet HTML 387Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
383
www.national.com
Figure 126. TTL: Input Signal Specification Standard
Figure 127. CMOS with Hysteresis Inputs
Figure 128. Signal-to-Signal Delay
CLK
SIG1
SIG2
2.4V
0.4V
0.8V
2.0V
0.8V
2.0V
tSIG1s
setup
tSIG1h
hold
tSIG2h
hold
tSIG2s
setup
VCHl
VCHh
Vhys
2.4V
0.4V
0.8V
2.0V
2.4V
0.4V
0.8V
2.0V
tv
th
SIG1
SIG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com