Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 382 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 382 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 378Page - National Semiconductor (TI) PC87591E Datasheet HTML 379Page - National Semiconductor (TI) PC87591E Datasheet HTML 380Page - National Semiconductor (TI) PC87591E Datasheet HTML 381Page - National Semiconductor (TI) PC87591E Datasheet HTML 382Page - National Semiconductor (TI) PC87591E Datasheet HTML 383Page - National Semiconductor (TI) PC87591E Datasheet HTML 384Page - National Semiconductor (TI) PC87591E Datasheet HTML 385Page - National Semiconductor (TI) PC87591E Datasheet HTML 386Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
382
Revision 1.07
7.6
AC ELECTRICAL CHARACTERISTICS
7.6.1
AC Test Conditions
Figure 124. AC Test Conditions, TA =0°Cto70°C, VSUP = 3.3V ±10%
Notes:
1. VSUP is VDD, VCC, AVCC or VBAT, according to the power well of the pin.
2. CL = 50 pF for all output pins (this value includes both jig and oscilloscope capacitance).
3. S1 = Open for push-pull output pins.
S1 = VSUP for high impedance to active low and active low to high impedance measurements.
S1 = VSS for high impedance to active high and active high to high impedance measurements.
RL = 1.0 KΩ
The following abbreviations are used in Section 7.6:
RE = Rising Edge
FE = Falling Edge
Definitions
The timing specifications in this section refer to low- or high-level voltage, according to the specific buffer type (TTL or
CMOS) on the rising or falling edges of all the signals, as illustrated in the following figures, unless specifically stated other-
wise.
Figure 125. CMOS Output Signals Specification Conventions
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit (Notes 1, 2, 3)
AC Testing Input, Output Waveform
VSUP
2.4
0.4
2.0
0.8
Test Points
2.0
0.8
CLK
SIG1
SIG2
VOH, VOHhd
VOL, VOLhd
VOH, VOHhd
VOL, VOLhd
tSIG1v tSIG1a
Vcc * 0.3
Vcc * 0.7
2.0V
2.40V
Vcc * 0.7
Vcc * 0.3
tSIG2h
tSIG1h
tSIG2v tSIG2a
or tSIG1ia
or tSIG2ia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com