Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 43Page - Dialog Semiconductor DA9211 Datasheet HTML 44Page - Dialog Semiconductor DA9211 Datasheet HTML 45Page - Dialog Semiconductor DA9211 Datasheet HTML 46Page - Dialog Semiconductor DA9211 Datasheet HTML 47Page - Dialog Semiconductor DA9211 Datasheet HTML 48Page - Dialog Semiconductor DA9211 Datasheet HTML 49Page - Dialog Semiconductor DA9211 Datasheet HTML 50Page - Dialog Semiconductor DA9211 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
47 of 74
© 2015 Dialog Semiconductor GmbH
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
DATA
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 46: 2-WIRE Page Write (SDA Line)
Via control WRITE_MODE an alternate write mode can be configured. Register addresses and data
are sent in alternation like in Figure 47 to support host repeated write operations that access several
non consecutive registers. Data will be stored at the previously received register address.
An update of WRITE_MODE can not be done without interruption within a transmission frame. Thus,
if not previously selected or not set as OTP default, the activation of Repeated Write must be done
with a regular write on WRITE_MODE followed by a stop condition. The next frame after a start
condition can be written in Repeated Write.
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REGadr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 47: 2-WIRE Repeated Write (SDA Line)
If a new START or STOP condition occurs within a message, the bus will return to IDLE-mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com