Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 30Page - Dialog Semiconductor DA9211 Datasheet HTML 31Page - Dialog Semiconductor DA9211 Datasheet HTML 32Page - Dialog Semiconductor DA9211 Datasheet HTML 33Page - Dialog Semiconductor DA9211 Datasheet HTML 34Page - Dialog Semiconductor DA9211 Datasheet HTML 35Page - Dialog Semiconductor DA9211 Datasheet HTML 36Page - Dialog Semiconductor DA9211 Datasheet HTML 37Page - Dialog Semiconductor DA9211 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
34 of 74
© 2015 Dialog Semiconductor GmbH
In Track Mode, the content of the VBUCKA_SEL bit is ignored, as well as VBUCKA_A and
VBUCKA_B bits. They will become active again once the voltage track mode is disabled. The GPI0
does not generate any event in this case.
Figure 35: Concept of control of the buck
’s output voltage
Soft Start up
13.1.4
To limit in-rush current from VSYS, the buck converters can perform a soft-start after being enabled.
The start-up behaviour is a compromise between acceptable inrush current from the battery and
turn-on time. In DA9211 and DA9212, different ramp times can be individually configured for each
buck converter on register BUCKA_UP_CTRL and BUCKB_UP_CTRL. Rates higher than 20 mV/µs
may produce overshoot during the start-up phase, so they should be considered carefully.
A ramped power-down can be selected on register bits BUCKA_DOWN_CTRL and
BUCKB_DOWN_CTRL. When no ramp is selected, the output node will be discharged only by the
pull-down resistor, if enabled via BUCKA_PD_DIS and BUCKB_PD_DIS.
Current Limit
13.1.5
The integrated current limit is meant to protect DA9211 and DA9212
’s power stages and the external
coil from excessive current. The bucks
’ current limit should be configured to be at least 40% higher
than the required maximum continuous output current (see table below).
When reaching the current limit, each buck converter generates an event and an interrupt to the host
processor unless the interrupt has been masked using the OCx_MASK controls. These OCA_MASK
and OCB_MASK control bits can be used to mask the generation of over-current events during DVC
transitions. An extra masking time as defined in OCx_MASK will be automatically added to the DVC
interval after the DVC has finished in order to ensure that the possible high current levels needed for
DVC do not influence the event generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com