Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 62Page - Dialog Semiconductor DA9211 Datasheet HTML 63Page - Dialog Semiconductor DA9211 Datasheet HTML 64Page - Dialog Semiconductor DA9211 Datasheet HTML 65Page - Dialog Semiconductor DA9211 Datasheet HTML 66Page - Dialog Semiconductor DA9211 Datasheet HTML 67Page - Dialog Semiconductor DA9211 Datasheet HTML 68Page - Dialog Semiconductor DA9211 Datasheet HTML 69Page - Dialog Semiconductor DA9211 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
66 of 74
© 2015 Dialog Semiconductor GmbH
Register
Bit
Type
Label
Def
Description
0x106
INTERFACE2
7
R/W
Er
or!
Bookma
rk not
defined.
IF_TYPE
1
0: Power manager interface is 4-WIRE.
Automatically configures GPIO3 and GPI4 as
interface signals. The GPIO configuration is
overruled.
1: Power manager interface is 2-WIRE
6
R/W
PM_IF_HSM
0
Enables continuous high speed mode on
2-WIRE interface if asserted (no master code
reguired)
5
R/W
PM_IF_FMP
0
Enables 2-WIRE interface operating with fast
mode+ timings if asserted
4
R/W
PM_IF_V
0
0: Power manager interface in 2-WIRE mode
is supplied from VDDCORE (4-WIRE always
from VDDIO)
1: Power manager interface in 2-WIRE mode is
supplied from VDDIO (4-WIRE always from
VDDIO)
0:3
R/W
(reserved)
0000
14.2.4.2
OTP Fusing Registers
Register
Bit
Type
Label
Def
Description
0x140
OTP_CONT2
7
R/W
OTP_CONF_LOC
K
0
0: Registers 0x54 to 0x5E and 0xD0 to 0xDA
are not locked for OTP programming (should
be selected for unmarked evaluation
samples)
1: Registers 0x54 to 0x5E and 0xD0 to 0xDA are
locked in OTP (no further fusing possible)
6
R/W
OTP_APPS_LOC
K
0
0: Registers 0x105, 0x106, 0x143 to 0x149 are
not locked for OTP programming (should be
selected for unmarked evaluation samples)
1: Registers 0x105, 0x106, 0x143 to 0x149 are
locked in OTP (no further fusing possible)
5:0
R/W
(reserved)
0000
00
Register
Bit
Type
Label
Def
Description
0x141
OTP_ADDR
7:0
R/W
OTP_ADDR
0x00
OTP Array address
Register
Bit
Type
Label
Def
Description
0x142
OTP_DATA
7:0
R/W
OTP_DATA
0x00
OTP read/write data
OTP_DATA written to OTP_ADDR selects the
IC and accepts unlock sequence (1 + 3 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com