Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 8Page - Dialog Semiconductor DA9211 Datasheet HTML 9Page - Dialog Semiconductor DA9211 Datasheet HTML 10Page - Dialog Semiconductor DA9211 Datasheet HTML 11Page - Dialog Semiconductor DA9211 Datasheet HTML 12Page - Dialog Semiconductor DA9211 Datasheet HTML 13Page - Dialog Semiconductor DA9211 Datasheet HTML 14Page - Dialog Semiconductor DA9211 Datasheet HTML 15Page - Dialog Semiconductor DA9211 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
12 of 74
© 2015 Dialog Semiconductor GmbH
11. Electrical characteristics
Table 6: Buck Converters Characteristics
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VDD = 2.8 V to 5.5 V, COUT = 22 μF /phase,
local sensing
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
VDD_x = VSYS
2.8
5.5
V
COUT
Output capacitance (per
phase)
Including voltage and
temperature coefficient
11
22
28.6
µF
23
47
61
µF
ESRCOUT
Equivalent series
resistance (per phase)
f > 100 kHz
10
mΩ
LPHASE047
Inductance (per phase)
Including current and
temperature dependence
0.23
0.47
0.62
µH
LPHASE022
Inductance (per phase)
Including current and
temperature dependence
0.11
0.22
0.29
µH
DCRLPHASE
Inductor resistance
30
100
mΩ
VBUCK
Buck output voltage
(Note 1)
IO = 0 to IO_MAX
0.3
1.57
V
VOACC
Output voltage accuracy
PWM mode
Incl. static line/load reg
and voltage ripple
VBUCK ≥ 1 V
-2.0
+2.0
%
Incl. static line/load reg
and voltage ripple
VBUCK < 1 V
±20
mV
VBUCK = 1 V
VDD = 3.8 V
no load
-1.0
+1.0
%
VBUCK = 1 V
VDD = 3.8 V
no load
TA = 27 ºC
-0.5
+0.5
%
VTR_LOAD
Load regulation transient
voltage
IO = 0 to 5 A, 10 A/µs
4-phase operation, PWM
VBUCK ≥ 1 V
0.6 V
≤ VBUCK < 1 V
-3
-30 mV
Note 2
+3
+30 mV
%
IO = 0 to 5 A, 10 A/µs
phase shedding, PWM
VDD ≤ 4.2 V
VBUCK ≥ 1 V
0.6 V
≤ VBUCK < 1 V
-3.5
-35 mV
Note 2
+3.5
+35 mV
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com