Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 64Page - Dialog Semiconductor DA9211 Datasheet HTML 65Page - Dialog Semiconductor DA9211 Datasheet HTML 66Page - Dialog Semiconductor DA9211 Datasheet HTML 67Page - Dialog Semiconductor DA9211 Datasheet HTML 68Page - Dialog Semiconductor DA9211 Datasheet HTML 69Page - Dialog Semiconductor DA9211 Datasheet HTML 70Page - Dialog Semiconductor DA9211 Datasheet HTML 71Page - Dialog Semiconductor DA9211 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
68 of 74
© 2015 Dialog Semiconductor GmbH
Register
Bit
Type
Label
Def
Description
0x144
CONFIG_B
7
R/W
UVLO_IO_DIS
0
Disable the UVLO for the VDDIO rail and its
comparator (suggested for rail voltages different
to 1.8 V and to save quiescent current)
6
R/W
PGB_DVC_MAS
K
0
Power-good configuration for Buck B
0: Power-good signal not masked during
DVC transitions
1: Power-good signal masked during DVC
transitions (keep previous status)
5
R/W
PGA_DVC_MAS
K
0
Power-good configuration for Buck A
0: Power-good signal not masked during
DVC transitions
1: Power-good signal masked during DVC
transitions (keep previous status)
4:3
R/W
OCB_MASK
00
Over Current configuration for Buck B
00: Event generation due to over current hit
is always active during DVC transitions of
the Buck converter
01: Event generation due to over current hit is
masked during DVC transitions of the buck
converter + 2 µs extra masking at the end
10: Event generation due to over current hit is
masked during DVC transitions of the buck
converter + 10 µs extra masking at the end
11: Event generation due to over current hit is
masked during DVC transitions of the buck
converter + 50 µs extra masking at the end
2:1
R/W
OCA_MASK
00
Over Current configuration for Buck A
00: Event generation due to over current hit
is always active during DVC transitions of
the buck converter
01: Event generation due to over current hit is
masked during DVC transitions of the buck
converter + 2 µs extra masking at the end
10: Event generation due to over current hit is
masked during DVC transitions of the buck
converter + 10 µs extra masking at the end
11: Event generation due to over current hit is
masked during DVC transitions of the buck
converter + 50 µs extra masking at the end
0
R/W
(reserved)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com