Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 71 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 71 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 66Page - Dialog Semiconductor DA9211 Datasheet HTML 67Page - Dialog Semiconductor DA9211 Datasheet HTML 68Page - Dialog Semiconductor DA9211 Datasheet HTML 69Page - Dialog Semiconductor DA9211 Datasheet HTML 70Page - Dialog Semiconductor DA9211 Datasheet HTML 71Page - Dialog Semiconductor DA9211 Datasheet HTML 72Page - Dialog Semiconductor DA9211 Datasheet HTML 73Page - Dialog Semiconductor DA9211 Datasheet HTML 74Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
71 of 74
© 2015 Dialog Semiconductor GmbH
15. Application Information
The following recommended components are examples selected from requirements of a typical
application.
Capacitor Selection
15.1
Ceramic capacitors are used as bypass capacitors at all VDD and output rails. When selecting a
capacitor, especially for types with high capacitance at smallest physical dimension, the DC bias
characteristic has to be taken into account.
Table 17: Recommended capacitor types
Application
Value
Size
Temp Char
Tol
V-Rate
Type
VOUT
output
bypass
4x 22 µF
0402
X5R +/-15%
+/-20%
4 V
Semco
CL05A226MR5NZNC
4x 10 µF
0402
X5R +/-15%
+/-20%
10 V
Semco
CL05A106MP5NUNC
VDDx
bypass
4x 10 µF
0603
X5R +/-15%
+/-20%
6.3 V
Murata
GRM188R60J106ME84
VSYS
bypass
1x 1 µF
0402
X5R +/-15%
+/-10%
10 V
Murata
GRM155R61A105KE15#
VDDIO
bypass
1x
100 nF
01005
X5R +/-15%
±10%
6.3 V
Semco
CL02A104KQ2NNN
Inductor Selection
15.2
Inductors should be selected based upon the following parameters:
● Rated max. current: usually a coil provides two current limits: The Isat specifies the maximum
current at which the inductance drops by 30% of the nominal value. The Imax is defined by the
maximum power dissipation and is applied to the effective current.
● DC resistance: critical for the converter efficiency and should therefore be minimised.
● Inductance: given by converter electrical characteristics; 0.47uH for each DA9211 and DA9212
phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com