Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 16Page - Dialog Semiconductor DA9211 Datasheet HTML 17Page - Dialog Semiconductor DA9211 Datasheet HTML 18Page - Dialog Semiconductor DA9211 Datasheet HTML 19Page - Dialog Semiconductor DA9211 Datasheet HTML 20Page - Dialog Semiconductor DA9211 Datasheet HTML 21Page - Dialog Semiconductor DA9211 Datasheet HTML 22Page - Dialog Semiconductor DA9211 Datasheet HTML 23Page - Dialog Semiconductor DA9211 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
20 of 74
© 2015 Dialog Semiconductor GmbH
Table 11: Graphs of Typical Characteristics
Patameter
Test Conditions
Figure
Efficiency
Efficiency vs Output Current, VOUT = 1.0 V, 4 phases
Figure 7
Efficiency vs Output Current, VOUT = 1.2 V, 4 phases
Figure 8
Efficiency vs Output Current, VOUT = 0.9 V, 4 phases
Figure 9
Efficiency vs Output Current, VOUT = 1.0 V, 2 phases
Figure 10
Efficiency vs Output Current, VOUT = 1.2 V, 2 phases
Figure 11
Efficiency vs Output Current, VOUT = 0.9 V, 2 phases
Figure 12
Efficiency vs Input Voltage, IOUT = 100 mA
Figure 13
Efficiency vs Input Voltage, IOUT = 2 A
Figure 14
Efficiency vs Input Voltage, IOUT = 10 A
Figure 15
Start-up
no load, STARTUP_CTRL=000 (slowest), VDD=3.7 V, VOUT=1.0 V
Figure 16
no load, STARTUP_CTRL=100 (default), VDD=3. 7 V, VOUT=1.0 V
Figure 17
no load, STARTUP_CTRL=110 (fastest), VDD=3. 7 V, VOUT=1.0 V
Figure 18
1
 load, STARTUP_CTRL=000 (slowest), V
DD=3. 7 V, VOUT=1.0 V
Figure 19
1
 load, STARTUP_CTRL=100 (default), V
DD=3. 7 V, VOUT=1.0 V
Figure 20
1
 load, STARTUP_CTRL=110 (fastest), V
DD=3. 7 V, VOUT=1.0 V
Figure 21
Start up from IC_EN no load, STARTUP_CTRL=100 (default),
VDD=3.7V, VOUT=1.0V
Figure 22
DVC
DVC no load, slowest speed 2.5mV/μs,
VDD=3.7V, VOUT 1.2V/0.8V
Figure 23
DVC no load, default speed 10mV/μs,
VDD=3.7V, VOUT 1.2V/0.8V
Figure 24
DVC no load, fastest speed 20mV/μs,
VDD=3.7V, VOUT 1.2V/0.8V
Figure 25
Switching
waveforms
PWM, no load, VDD=3.7 V, VOUT=1.0 V
Figure 26
Voltage and current ripple, PWM, no load,
VDD=3.7 V, VOUT=1.0 V
Figure 27
PFM, no load, VDD=3.7 V, VOUT=1.0 V
Figure 28
Load Transient
response
PWM, 4-phases, 05A in 10 A/µs, VDD=3.7 V, VOUT=1.0 V
Figure 29
PWM, 4-phases, 15A in 10 A/µs, VDD=3.7 V, VOUT=1.0 V
Figure 30
Auto, 4-phases, 10mA5A in 10 A/µs, VDD=3.7 V, VOUT=1.0 V
Figure 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com