Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 15Page - Dialog Semiconductor DA9211 Datasheet HTML 16Page - Dialog Semiconductor DA9211 Datasheet HTML 17Page - Dialog Semiconductor DA9211 Datasheet HTML 18Page - Dialog Semiconductor DA9211 Datasheet HTML 19Page - Dialog Semiconductor DA9211 Datasheet HTML 20Page - Dialog Semiconductor DA9211 Datasheet HTML 21Page - Dialog Semiconductor DA9211 Datasheet HTML 22Page - Dialog Semiconductor DA9211 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
19 of 74
© 2015 Dialog Semiconductor GmbH
Table 10: 4-WIRE Control Bus Characteristics
TA = -40 to +85 ºC
Symbol
Parameter
Label in plot
Min
Typ
Max
Unit
CB
Bus line capacitive load
100
pF
tC
Cycle time
1
70
ns
tSU_CS
Chip select setup time
2, from CS active to first
SK edge
20
ns
tH_CS
Chip select hold time
3, from last SK edge to
CS idle
20
ns
tW_CL
Clock LOW duration
4
0.4 x tC
ns
tW_CH
Clock HIGH duration
5
0.4 x tC
ns
tSU_SI
Data input setup time
6
10
ns
tH_SI
Data input hold time
7
10
ns
tV_SO
Data output valid time
8
22
ns
tH_SO
Data output hold time
9
6
ns
tW_CS
Chip select HIGH
duration
10
20
ns
Figure 6: 4-WIRE Bus Timing
SK
SI
(2) tSU_CS
nCS
SO
70%
30%
70%
30%
(6) tSU_SI
70%
30%
(7) tH_SI
70%
30%
(8) tV_SO
(9) tH_SO
(3) tH_CS
(10) tW_CS
(5) tW_CH
(4) tW_CL
(1) tC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com