Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 49Page - Dialog Semiconductor DA9211 Datasheet HTML 50Page - Dialog Semiconductor DA9211 Datasheet HTML 51Page - Dialog Semiconductor DA9211 Datasheet HTML 52Page - Dialog Semiconductor DA9211 Datasheet HTML 53Page - Dialog Semiconductor DA9211 Datasheet HTML 54Page - Dialog Semiconductor DA9211 Datasheet HTML 55Page - Dialog Semiconductor DA9211 Datasheet HTML 56Page - Dialog Semiconductor DA9211 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
53 of 74
© 2015 Dialog Semiconductor GmbH
Register
Bit
Type
Label
Def
Description
0x56
CONTROL_A
7
R/W
V_LOCK
0
0: Allows host writes into registers 0xD0 to
0x14F
1: Disables register 0xD0 to 0x14F re-
programming from control interfaces
6:5
R/W
SLEW_RATE_B
10
Buck B DVC slewing is executed at
00: 10mV every 4.0 µs
01: 10mV every 2.0 µs
10: 10mV every 1.0 µs
11: 10mV every 0.5 µs
4:3
R/W
SLEW_RATE_A
10
Buck A DVC slewing is executed at
00: 10mV every 4.0 µs
01: 10mV every 2.0 µs
10: 10mV every 1.0 µs
11: 10mV every 0.5 µs
0:2
R/W
DEBOUNCE
011
Input signals debounce time:
000: no debounce time
001: 0.1 ms
010: 1.0 ms
011: 10 ms
100: 50 ms
101: 250 ms
110: 500 ms
111: 1000 ms
14.2.2.2
GPIO Control
Register
Bit
Type
Label
Def
Description
0x58
GPI0-1
7
R/W
GPI1_MODE
0
0: GPI: debouncing off
1: GPI: debouncing on
6
R/W
GPI1_TYPE
1
0: GPI: active low
1: GPI: active high
5:4
R/W
GPI1_PIN
00
PIN assigned to:
00: GPI
>00: Reserved
3
R/W
GPI0_MODE
0
0: GPI: debouncing off
1: GPI: debouncing on
2
R/W
GPI0_TYPE
1
0: GPI: active low
1: GPI: active high
1:0
R/W
GPI0_PIN
00
PIN assigned to:
00: GPI
01: Track enable
1x: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com