Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 55 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 55 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 51Page - Dialog Semiconductor DA9211 Datasheet HTML 52Page - Dialog Semiconductor DA9211 Datasheet HTML 53Page - Dialog Semiconductor DA9211 Datasheet HTML 54Page - Dialog Semiconductor DA9211 Datasheet HTML 55Page - Dialog Semiconductor DA9211 Datasheet HTML 56Page - Dialog Semiconductor DA9211 Datasheet HTML 57Page - Dialog Semiconductor DA9211 Datasheet HTML 58Page - Dialog Semiconductor DA9211 Datasheet HTML 59Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
55 of 74
© 2015 Dialog Semiconductor GmbH
14.2.2.3
Regulators Control
Register
Bit
Type
Label
Def
Description
0x5D
BUCKA_CON
T
7
R/W
(reserved)
0
6:5
R/W
VBUCKA_GPI
00
Selects the GPI that specifies the target voltage
of VBUCKA. This is VBUCKA_A on active to
passive transition, VBUCKA_B on passive to
active transition.
Active high/low is controlled by GPIx_TYPE.
00: Not controlled by GPIO
01: GPIO1 controlled
10: GPIO2 controlled
11: GPIO4 controlled
4
R/W
VBUCKA_SEL
0
Buck A voltage is selected from (ramping):
0: VBUCKA_A
1: VBUCKA_B
3
R/W
BUCKA_PD_DIS
0
0: Enable pull-down resistor of Buck A when
the buck is disabled
1: Disable pull-down resistor of Buck A when the
buck is disabled
2:1
R/W
BUCKA_GPI
00
GPIO enables the Buck A on passive to active
state transition, disables the Buck A on active to
passive state transition
00: Not controlled by GPIO
01: GPIO0 controlled
10: GPIO1 controlled
11: GPIO3 controlled
0
R/W
BUCKA_EN
0
0: Buck A disabled
1: Buck A enabled
Register
Bit
Type
Label
Def
Description
0x5E
BUCKB_CON
T
7
R/W
(reserved)
0
6:5
R/W
VBUCKB_GPI
00
Selects the GPI that specifies the target voltage
of VBUCKB. This is VBUCKB_A on active to
passive transition, VBUCKB_B on passive to
active transition.
Active high/low is controlled by GPIx_TYPE.
00: Not controlled by GPIO
01: GPIO1 controlled
10: GPIO2 controlled
11: GPIO4 controlled
4
R/W
VBUCKB_SEL
0
Buck A voltage is selected from (ramping):
0: VBUCKB_A
1: VBUCKB_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com