Electronic Components Datasheet Search
  English  ▼

X  

DA9211 Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 60Page - Dialog Semiconductor DA9211 Datasheet HTML 61Page - Dialog Semiconductor DA9211 Datasheet HTML 62Page - Dialog Semiconductor DA9211 Datasheet HTML 63Page - Dialog Semiconductor DA9211 Datasheet HTML 64Page - Dialog Semiconductor DA9211 Datasheet HTML 65Page - Dialog Semiconductor DA9211 Datasheet HTML 66Page - Dialog Semiconductor DA9211 Datasheet HTML 67Page - Dialog Semiconductor DA9211 Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
64 of 74
© 2015 Dialog Semiconductor GmbH
Register Page 2
14.2.4
Register
Bit
Type
Label
Def
Description
0x100
PAGE_CON
7
R/W
REVERT
0
Resets REG_PAGE to 000 after read/write
access has finished
6
R/W
WRITE_MODE
0
2-WIRE multiple write mode
0: Page Write Mode
1: Repeated Write Mode
5:3
R/W
(reserved)
000
3:0
R/W
REG_PAGE
000
000: Selects Register 0x01 to 0x3F
001: Selects Register 0x81 to 0xCF
010: Selects Register 0x101 to 0x1CF
>010: Reserved for production and test
14.2.4.1
Interface and OTP Settings (shared with DA9063)
Register
Bit
Type
Label
Def
Description
0x101
OTP_CONT
7:4
R/W
(reserved)
0000
3
R/W
PC_DONE
0
Asserted from Power Commander software after
the emulated OTP read has finished,
automatically cleared when leaving emulated
OTP read
2
R/W
OTP_APPS_RD
0
Reads on assertion application specific registers
0x105, 0x106, 0x143 to 0x149 and
OTP_APPS_LOCK) from OTP
1
R/W
(reserved)
0
0
R/W
OTP_TIM
0
OTP read timing:
0: normal read
1: marginal read (for OTP fuse verification)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com