Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
FEDL7033-04
ML7033
8/52
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
(VDD = 4.75 to 5.25 V, Ta = –40 to +85C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
IDD1
2CH Operating Mode, No Signal
—
23.0
35.0
mA
IDD2
1CH Operating Mode, No Signal
—
16.0
22.0
mA
Power Supply Current
IDD4
Power-down Mode
PDN pin = logic “0”
—
25.0
50.0
A
High Level Input Leakage Current
IIH
All Digital Input Pins
VI = VDD
—
0.1
5.0
A
Low Level Input Leakage Current
IIL
All Digital Input Pins
VI = 0 V
–5.0
–0.1
—
A
VOL1
PCMOUT, Pull-up = 0.5 k
0
0.2
0.4
V
Digital Output Low Voltage
VOL2
Other output pins, IOL = –0.4 mA
0
0.2
0.4
V
Digital Output High Voltage
VOH
IOH = 0.4 mA
2.5
—
—
V
Digital Output Leakage Current
IO
PCMOUT High Impedance State
—
—
10
A
Input Capacitance
CIN
—
—
5
—
pF
Analog Interface Characteristics
(VDD = 4.75 to 5.25 V, Ta = –40 to +85C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SG, SGC Output Voltage
VSG
SGC to AG 0.1
F
—
2.4
—
V
SG, SGC Rise Time
tSGC
SGC to AG 0.1
F
Rise time to 90% of max. level
—
—
10
ms
SG Output Load Resistance
RLSG
SG
10
—
—
k
Transmit Analog Interface Characteristics
(VDD = 4.75 to 5.25 V, Ta = –40 to +85C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Resistance
RINX
AINnN, AINnP
—
10
—
M
Output Load Resistance
RLGX
20
—
—
k
Output Load Capacitance
CLGX
—
—
30
pF
Output Amplitude
VOGX
GSXn
(to SGC)
*1
—
—
2.226
Vpp
Offset Voltage
VOSGX
Gain = 1
–50
—
50
mV
*1
–3.0 dBm (600
) = 0 dBm0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com