Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 28 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 28 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
FEDL7033-04
ML7033
28/52
CR2 (Pulse metering tone generator control)
B7
B6
B5
B4
B3
B2
B1
B0
CR2
PMG2
FRQ
PMG2
LV1
PMG2
LV0
PMG2
TOUT2
PMG1
FRQ
PMG1
LV1
PMG1
LV0
PMG1
TOUT1
default
0
0
0
0
0
0
0
0
B7
… Pulse metering tone frequency select for CH2
0 : 12 kHz
1 : 16 kHz
B6, B5
… Pulse metering tone level setting for CH2
(B6, B5)
(0, 0) = OFF
(0, 1) = 0.5 Vpp
(1, 0) = 1.0 Vpp
(1, 1) = 1.5 Vpp
The level of the pulse metering tone, as shown in Figure 11, reaches the assigned level in
10 ms and gradually fades out over 10 ms.
The ramp-up and ramp-down times also apply when a tone is cancelled by writing (0,0)
into these register bits. Once the register bits are set, the tone begins to fade out and
completely fades out after 10 ms. In addition, subsequent writes to these bits are prohibited
for 10 ms.
Figure 11
Pulse Metering Tone Waveform
B4
… Pulse metering tone output pin select for CH2
0 : AOUT2 pin (added to voice signals)
1 : TOUT2 pin
B3
… Pulse metering tone frequency select for CH2
0 : 12 kHz
1 : 16 kHz
B2, B1
… Pulse metering tone level setting for CH1
(B2, B1)
(0,0) = OFF
(0, 1) = 0.5 Vpp
(1, 0) = 1.0 Vpp
(1, 1) = 1.5 Vpp
The level of the pulse metering tone, as shown in Figure 11, reaches the assigned level in
10 ms and gradually fades over 10 ms.
The ramp-up and ramp-down times also apply when a tone is cancelled by writing (0,0)
into these register bits. In this case the tone fades out after 10 ms. In addition, subsequent
writes to these bits are prohibited for 10 ms.
B0
… Pulse metering tone frequency select for CH1
0 : 12 kHz
1 : 16 kHz
Ramp up time=10ms
Ramp down time=10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com