Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 42 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 42 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
FEDL7033-04
ML7033
42/52
B1
… Event detection indicator for SLIC2 (Read-only bit)
0 : detected
1 : not detected
By reading the state of this bit, the input level to the
DET2 pin can be determined.
If this bit is cleared, the
DET2 pin is a logic “0”. If this bit is set, the DET2 pin is a logic
“1”.
When the SLIC connected to channel 2 is an Intersil RSLIC
TM series device, an assigned
event of off-hook, ring trip or ground key can be detected by connecting the
DET2 pin of
the ML7033 directly to the corresponding output pin of the SLIC device.
The event detected by the the SLIC is determined by the F2_2, F1_2, F0_2 (CR13-B7 to
B5), and E0_2 (CR13-B2) bits.
When a debounce timer is enabled by a setting with the DET2TIM3 through DET2TIM0
bits (CR4-B7 to B4), the DET2 (CR13-B1) bit is held unchanged for a set period, even
when the DET2 pin changes from a logic “1” to a logic “0”.
B0
… Thermal Shutdown Alarm indicator for SLIC2 (Read-only bit)
0 : detect
1 : not
detect
By reading the state of this bit, the input level to the ALM2 pin can be determined.
If this bit is cleared, the
ALM2 pin is a logic “0”. If this bit is set, the ALM2 pin is a logic
“1”.
When the SLIC connected to channel 2 is an Intersil RSLIC
TM series device, connecting the
ALM2 pin directly to the corresponding output pin of the SLIC device allows the ML7033
to know whether the SLIC is in the normal operating mode, or in a thermal shutdown state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com