Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 30 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 30 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
FEDL7033-04
ML7033
30/52
CR4 (Debounced timer setting)
B7
B6
B5
B4
B3
B2
B1
B0
CR4
DET2
TIM3
DET2
TIM2
DET2
TIM1
DET2
TIM0
DET1
TIM3
DET1
TIM2
DET1
TIM1
DET1
TIM0
default
0
0
0
0
0
0
0
0
B7 to B4
… Debounce timer setting for CH2
B3 to B0
… Debounce timer setting for CH1
To avoid the unintended detection of glitches on the
DETn signal, the ML7033 is equipped with
a debounce timer to hold the
DETn (CR6-B1/CR13-B1) bit and the INT output state for a set
period, even when the state of the
DETn pin changes from logic “1” to logic “0”. Bits B7 to B4
determine the debounce timer setting for CH2. Bits B3 to B0 determine the debounce timer
setting CH1.
The debounce timer is operational only in the power-on state when the
PDN pin = logic “1”,
and remains operational in the power-saving mode with the MODEn (CR0-B1, B0) bits = “0” as
long as the device is in the power-on state.
The debounce timer holding time ranges from 0 ms to 225 ms at 15 ms intervals for each
individual channel. The values written into B7 to B4 (channel 2) or B3 to B0 (channel 1)
determine the holding time for each channel.
The timer value is calculated by the equation of [Decimal(B7,B6,B5,B4) * 15] or
[Decimal(B3,B2,B1,B0) * 15].
Refer to Table 8.
Table 8
Debounce Timer Setting
B7/B3
B6/B2
B5/B1
B4/B0
Timer (ms)
0
0
0
0
0
0
0
0
1
15
0
0
1
0
30
0
0
1
1
45
0
1
0
0
60
:
:
:
:
:
0
1
1
1
105
1
0
0
0
120
1
0
0
1
135
:
:
:
:
:
1
1
1
1
225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com