Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 48 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 48 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
FEDL7033-04
ML7033
48/52
CR18 (Test control)
B7
B6
B5
B4
B3
B2
B1
B0
CR18
CH2
LOOP1
CH2
LOOP0
CH1
LOOP1
CH1
LOOP0
TEST3
TEST2
TEST1
TEST0
default
0
0
0
0
0
0
0
0
B7, B6
… CH2 loop-back test mode select
(B7, B6):
(0, 0) = Loop-back OFF
(0, 1) = Loop-back OFF
(1, 0) = Channel 2 digital loop-back test. PCM data output on the PCMOUT pin during
normal operation is internally looped back through the Receive path via the
PCMIN pin. In digital loop-back test mode, input data on PCMIN pin is ignored,
but PCM data continues to be output on the PCMOUT pin.
(1, 1) = Channel 2 analog loop-back test. Analog signals output on the AOUT2P pin (or the
AOUT2P and AOUT2N pins) are internally looped back to the transmit path
behind a built-in feedback amplifier located after the AIN2P, AIN2N and GSX2
pins. In this mode, the AIN2P and AIN2N input pins are ignored. However, analog
signals continue to be output on the AOUT2P pin (or the AOUT2P and the
AOUT2N pins).
A loop-back test is functional only if XSYNC and RSYNC are from the same clock source.
B5, B4
… CH1 loop-back test mode select
(B5, B4):
(0, 0) = Loop-back OFF
(0, 1) = Loop-back OFF
(1, 0) = Channel 1 digital loop-back test. PCM data is output on the PCMOUT pin in
normal operation is internally looped back through the Receive path via the
PCMIN pin. In loop-back test mode, input data on PCMIN pin is ignored. However,
PCM data can be output on the PCMOUT pin.
(1, 1) = Channel 1 analog loop-back test. Analog signals output on the
AOUT1P pin (or
from the AOUT1P and the AOUT1N pins) are internally looped back to the
transmit path via a built-in feedback amplifier located after the AIN1P, AIN1N and
GSX1 pins. In this mode, the AIN1P and AIN1N input pins are ignored. However,
analog signals can be output from the AOUT1P pin (or from the AOUT1P and the
AOUT1N pins).
A loop-back test is functional if XSYNC and RSYNC are from the same clock source.
B3 to B0
… LSI test registers for an LSI manufacturer
The default alternation is prohibited. When a write action is executed for CR18, set all of
these bits to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com