Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 46 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 46 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
FEDL7033-04
ML7033
46/52
CR16-B0, CR17-B7 to B0 …
CH2 TG1 frequency select
When the CH2RING (CR11-B7) bit is cleared, this 9-bit field is valid and determines the
output frequency from tone generator 1 on channel 2. The frequency range is between 300
and 3400 Hz at 10 Hz intervals as shown in Table 20.
The output level is calculated using the following formula.
Binary data for CR16-B0, CR17-B7 to B0
= (Output Frequency [Hz])/10
The following is an example of how to program this register field when the intended
frequency is 1500 Hz;
Ex) (Output Frequency [Hz]) / 10 = 1500/10 = 150d = 10010110b
Bits to set in CR16-B0, CR17-B7 to B0 = (0,1,0,0,1,0,1,1,0)
Note that the operations are not guaranteed when these bits define a frequency out of a band
between 300 and 3400 Hz.
Table 20
Tone Generator Frequency Setting (CH2RING bit = “0”)
CR16
CR17
Frequency
(Hz)
decimal
hex
B0
B7
B6
B5
B4
B3
B2
B1
B0
300
30
01Eh
0
0
0
0
1
1
1
1
0
310
31
01Fh
0
0
0
0
1
1
1
1
1
320
32
020h
0
0
0
1
0
0
0
0
0
:
:
:
:
:
:
:
:
:
:
:
:
400
40
028h
0
0
0
1
0
1
0
0
0
410
41
029h
0
0
0
1
0
1
0
0
1
:
:
:
:
:
:
:
:
:
:
:
:
1000
100
064h
0
0
1
1
0
0
1
0
0
1010
101
065h
0
0
1
1
0
0
1
0
1
:
:
:
:
:
:
:
:
:
:
:
:
2000
200
0C8h
0
1
1
0
0
1
0
0
0
:
:
:
:
:
:
:
:
:
:
:
:
3000
300
12Ch
1
0
0
1
0
1
1
0
0
:
:
:
:
:
:
:
:
:
:
:
:
3390
339
153h
1
0
1
0
1
0
0
1
1
3400
340
154h
1
0
1
0
1
0
1
0
0
When the CH2RING (CR11-B7) bit is set, the setting of the CH2TG1_8 (CR16-B0) bit and
the CH2TG1_7 to CH2TG1_6 (CR16-B7 to B6) bits are ignored, and the CH2TG1_5 to
CH2TG1_0 (CR16-B5 to B0) field defines the ringing tone frequency.
When the CH2RING (CR11-B7) bit is set, the frequency range is between 15 and 50 at 1
Hz intervals as shown in Table 21.
The output frequency is calculated using the following formula.
Binary data for CR17-B5 to B0
= (Output Frequency [Hz])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com