Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML7033 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
FEDL7033-04
ML7033
5/52
Pin
Symbol
Type
Description
38
VDDD
—
Power Supply for Internal Digital Circuit
39
MCK
I
Master Clock (2.048/4.096 MHz)
40
BCLK
I
PCM Data Shift Clock
41
DG
—
Digital Ground
42
PCMIN
I
PCM Data Input
43
PCMOSY
O
PCM Data Output Indicator for Time-Slot Assignment
44
PCMOUT
O
PCM Data Output
45
XSYNC
I
Transmit Synchronizing Clock Input
46
RSYNC
I
Receive Synchronizing Clock Input
47
RESET
I
Reset for Control Register
48
N.C
—
(Leave unconnected)
49
N.C
—
(Leave unconnected)
50
PDN
I
Power-down Control
51
TEST
I
LSI Manufacturer’s Test Input (keep logic “0”)
52
DG
—
Digital Ground
53
BSEL1
O
Output for SLIC1 Battery Select
54
ALM1
I
Input from SLIC1 Thermal Shut Down Alarm Detector
55
DET1
I
Input from SLIC1 Switch Hook, Ground Key or Ring Trip Detector
56
E0_1
O
Output for SLIC1 Detector Mode Selection
57
F0_1
O
Mode Control Output to SLIC1 F0
58
F1_1
O
Mode Control Output to SLIC1 F1
59
F2_1
O
Mode Control Output to SLIC1 F2
60
SWC1
O
Output for SLIC1 Uncommitted Switch Control
61
VDDD
—
Power Supply for Internal Digital Circuit
62
VDDA
—
Power Supply for Internal Analog Circuit
63
AIN1P
I
CH1 Transmit Op-amp Input Positive
64
N.C
—
(Leave unconnected)
Note:
In this datasheet, “1” and “2” in names for pins which respectively exist for CH1 and CH2 are often
substituted by “n” (in a small letter).
Ex) GSX1, GSX2
 GSXn
AOUT1N, AOUT2N
 AOUTnN
DET1, DET2
 DETn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com