Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 23 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 23 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
FEDL7033-04
ML7033
23/52
The event detected by the SLIC is determined by the F2_n, F1_n, and F0_n register bits (CR6-B7 to
B5/CR13-B7 to B5), and the E0_n register bits (CR6-B2 /CR13-B2). To avoid the unintended detection of these
conditions due to glitches on the
DETn signal of the SLIC, the ML7033 is equipped with a debounce timer to
hold the DET register bit (CR6-B1/CR13-B1) and the output of the
INT pin for a set period, even when an input
to the
DETn pin changes from a logic “1” to a logic “0”. For more information on the debounce timer, refer to
the DETnTIM3 through DETnTIM0 register bit descriptions (CR4-B7 to B0).
This pin remains functional in power-down mode (
PDN pin low). However, while in the power-down state, the
debounce timer is disabled.
When this pin is not used, it should be tied to VDDD.
ALM1, ALM2
The
ALMn pins are the thermal shut down alarm signals. These pins are used when the SLIC connected to the
corresponding channel is an Intersil RSLIC
TM series device. A logic “0” on the
ALMn input pin clears the
corresponding ALM register bit (CR6-B0/CR13-B0). A logic “1” on this pin sets the bit.
The Intersil RSLIC
TM series device is equipped with a function that allows it to automatically enter power-down
mode and toggle its
ALMn pin from a logic “1” to a logic “0” state when the SLIC die temperature exceeds a
safe operating temperature. Hence, by connecting the corresponding pin of the SLIC device to the
ALM1 and
ALM2 pins and reading the ALM register bit (CR6-B0/CR13-B0), it is possible to know whether the concerned
SLIC device is operating normally, or is in a thermal shutdown state.
This pin remains functional in power-down mode. However, while in the power-down state, the debounce timer
is disabled.
When this pin is not used, it should be tied to VDDD.
INT
The ML7033 asserts the
INT interrupt pin when either the DETn pin or the ALMn pin are asserted by the SLIC
device when the device is an Intersil RSLIC
TM series SLIC device. The Intersil RSLICTM series device is
equipped with detector and thermal shut down alarm functions to notify a change of SLIC state by driving a
logic 0 onto the output pins connected to
DETn and ALMn. Refer to the DETn and ALMn pin descriptions
above. By monitoring the state of the INT pin and reading the DETn (CR6-B0/CR13-B0) and ALMn
(CR6-B0/CR13-B0) register bits, it is possible to know that a change of a state occurred within the SLIC device.
The
INT pin transitions from a logic “1” to a logic “0” in the following cases;
(1)
(
PDN pin = logic “0”) Any of the ALMn or DETn pins in the logic “1” state transition to the logic “0”
state.
(2)
(
PDN pin = logic “1”) Any of the ALMn or DETn pins transition from the logic “1” state to the logic “0”
state when all the four pins (
ALM1, ALM2, DET1, and DET2) have been in the logic “1” state.
Note that the debounce timer with the
DETn pin is not valid while in power-down mode (PDN pin = logic “0”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com