Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 22 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 22 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
FEDL7033-04
ML7033
22/52
Table 6
SLIC Device Operation Mode and Detector Mode
Operating Mode
F2_n
F1_n
F0_n
E0_n = 1
E0_n = 0
Description
Low Power Standby
0
0
0
SHD
GKD
Standby mode
Forward Active
0
0
1
SHD
GKD
Forward battery loop feed
Unbalanced Ringing
0
1
0
RTD
RTD
Unbalanced ringing mode
Reverse Active
0
1
1
SHD
GKD
Reverse battery loop feed
Ringing
1
0
0
RTD
RTD
Balanced ringing mode
Forward Loop Back
1
0
1
SHD
GKD
Test mode
Tip Open
1
1
0
SHD
GKD
For PBX type application
Power Denial
1
1
1
n/a
n/a
Device shutdown
SHD: Switch Hook Detection RTD: Ring Trip Detection GKD:Ground Key Detection
BSEL1, BSEL2
The BSELn pin is the battery mode selection data output. This pin is used when the SLIC connected to the
corresponding channel is an Intersil RSLIC
TM series SLIC device. A logic “0” on this pin selects the low battery
mode, and the logic “1” selects the high battery mode within the SLIC device. The output levels from the BSELn
pins are determined by the BSELn register bits (CR6-B3/CR13-B3).
By connecting these outputs directly to the corresponding SLIC device input pins, battery mode selection of the
SLIC is possible. This pin remains functional even in power-down mode.
SWC1, SWC2
The
SWCn pin is the uncommitted switch control data output. This pin is used when the SLIC connected to the
corresponding channel is an Intersil RSLIC
TM series SLIC device. By connecting this pin directly to the
corresponding input pin of the SLIC device, the uncommitted switch control can be made. The uncommitted
switch is located between the SW+ pin and the SW- pin. A logic “0” on this pin enables the SLIC internal switch
on, and a logic “1” disables the switch.
The output levels from the
SWC1 and SWC2 pins are determined by the SWCn register bits
(CR6-B4/CR13-B4). This pin remains functional even in power-down mode with the
PDN pin is a logic “0”.
DET1, DET2
The
DETn pins are the SLIC’s detection signal (switch hook, ring trip or ground key detection) inputs. These
pins are used when the SLIC connected to the corresponding channel is an Intersil RSLIC
TM series device. A
logic “0” on this pin clears the corresponding
DETn register bit (CR6-B1/CR13-B1). A logic ‘1’ on this pin
input sets the register bit.
The Intersil RSLIC
TM series SLIC device is equipped with a function to switch the output on its
DET pin from a
logic “1” state to a logic “0” state when it detects an assigned event of either off-hook, ring trip or ground key.
Therefore, by connecting these pins to the corresponding pins on the SLIC device and reading the
DETn register
bit (CR6-B1/CR13-B1), the occurrence of an assigned event can be detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com