Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 29 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 29 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7033 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
FEDL7033-04
ML7033
29/52
CR3 (Time slot assignment control)
B7
B6
B5
B4
B3
B2
B1
B0
CR3
TSAE
TSAC
TSA5
TSA4
TSA3
TSA2
TSA1
TSA0
default
0
0
0
0
0
0
0
0
* CR3 is a write only register.
B7
… Time slot assignment customization enable
0 : Default time slot assignment
1 : Customized time slot assignment
The default time slot assignment is CH1 for Slot 0 and CH2 for Slot 2.
B6
… Time slot assignment channel select
0 : CH1
1 : CH2
This bit is used to specify the channel for which the accompanied TSAn
(CR3-B5 to B0) bits are going to assign a time slot. Hence, when a customized time slot
assignment is enabled, CR3 should be written twice; once for CH1 and another for CH2.
B5 to B0
… Assigned time slot select
Each time slot consists of 8 BCLK cycles. The number of time slots available for time slot
assignment depends upon the applied BCLK frequency, and can be calculated in the
following equations;
Number of time slots available for time slot assignment
= (BCLK frequency)/(SYNC frequency)/8
= (BCLK frequency)/64k
For instance, when the BCLK frequency is 4096 kHz, time slots that can be assigned are
from 0 (000000) to 63 (111111). The specification of a time slot beyond 63 is prohibited.
Note that in 14-bit linear PCM (2’s complement) mode, specified when the LIN bit
(CR0-B3) is set, only even numbered time slots (0, 2, 4, … 62) can be assigned.
In any mode, the assigned time slot for a channel is common both for transmit and receive,
and different time slots cannot be assigned for transmit and receive. When the TSAE bit
(CR3-B7) is cleared, the time slot assignment specified by these bits is ignored, and the
default time slots are assigned (CH1 for Time Slot 0 and CH2 for Time Slot 2). Figure 12
shows an example of how CH1 is assigned for Time Slot 0 (000000) and CH2 is assigned
for Time Slot 3 (000011) in 8-bit PCM mode.
BCLK
XSYNC
PCMOUT/
PCMIN
PCMOSY
1
9
17
25
33
CH1 PCM DATA
CH2 PCM DATA
Slot 0
Slot 1
Slot 2
Slot 3
Figure 12
Example of Time Slot Assignment: CH1 = Slot 0, CH2 = Slot 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com