Electronic Components Datasheet Search
  English  ▼

X  

ML7033 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7033
Description  Dual-Channel Line Card CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7033 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML7033 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7033 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
FEDL7033-04
ML7033
4/52
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
1
N.C
—
(Leave unconnected)
2
AIN1N
I
CH1 Transmit Op-amp Input Negative
3
GSX1
O
CH1 Transmit Op-amp Output
4
AOUT1P
O
CH1 Receive Output Positive
5
AOUT1N
O
CH1 Receive Output Negative
6
TOUT1
O
CH1 Tone Output
7
AG
—
Analog Ground
8
SG
O
Signal Ground for External Circuit
9
SGC
O
Signal Ground for Internal Circuit
10
AG
—
Analog Ground
11
TOUT2
O
CH2 Tone Output
12
AOUT2N
O
CH2 Receive Output Negative
13
AOUT2P
O
CH2 Receive Output Positive
14
GSX2
O
CH2 Transmit Op-amp Output
15
AIN2N
I
CH2 Transmit Op-amp Input Negative
16
N.C
—
(Leave unconnected)
17
N.C
—
(Leave unconnected)
18
AIN2P
I
CH2 Transmit Op-amp Input Positive
19
VDDA
—
Power Supply for Internal Analog Circuit
20
VDDD
—
Power Supply for Internal Digital Circuit
21
BSEL2
O
Output for SLIC2 Battery Select
22
ALM2
I
Input from SLIC2 Thermal Shut Down Alarm Detector
23
DET2
I
Input from SLIC2 Switch Hook, Ground Key or Ring Trip Detector
24
E0_2
O
Output for SLIC2 Detector Mode Selection
25
F0_2
O
Mode Control Output to SLIC2 F0
26
F1_2
O
Mode Control Output to SLIC2 F1
27
F2_2
O
Mode Control Output to SLIC2 F2
28
SWC2
O
Output for SLIC2 Uncommitted Switch Control
29
DG
—
Digital Ground
30
CIDATA1
I
Call ID Data Input for CH1
31
CIDATA2
I
Call ID Data Input for CH2
32
N.C
—
(Leave unconnected)
33
N.C
—
(Leave unconnected)
34
INT
O
Interrupt Output (from SLIC status)
35
EXCK
I
MCU Interface Data Clock Input
36
DEN
I
MCU Interface Data Enable Input
37
DIO
I/O
MCU Interface Control Data Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com