Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 5 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 5 Page - Keysight Technologies

  2000 Datasheet HTML 1Page - Keysight Technologies 2000 Datasheet HTML 2Page - Keysight Technologies 2000 Datasheet HTML 3Page - Keysight Technologies 2000 Datasheet HTML 4Page - Keysight Technologies 2000 Datasheet HTML 5Page - Keysight Technologies 2000 Datasheet HTML 6Page - Keysight Technologies 2000 Datasheet HTML 7Page - Keysight Technologies 2000 Datasheet HTML 8Page - Keysight Technologies 2000 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
05 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Best-in-class oscilloscope
The InfiniiVision 2000 X-Series features Keysight’s patented
MegaZoom IV smart memory technology that is always enabled
and always responsive providing the industry’s fastest update
rate at up to 50,000 waveforms per second, with no compromise
if you turn on measurements or add digital channels. In addition,
the 2000 X-Series offers 23 automated measurements such
as voltage, time, and frequency as well as five waveform math
functions including add, subtract, multiply, divide, and FFT.
Industry’s first economy-class mixed signal
oscilloscope (MSO)
The 2000 X-Series is the first instrument in its class to offer an
integrated logic timing analyzer. Digital content is everywhere in
today’s designs and with an additional 8 integrated digital timing
channels, you now have up to 12 channels of time-correlated
triggering, acquisition and viewing on the same instrument. Buy
a 2 or 4 channel DSO and at any time, upgrade it yourself to a
MSO with a license to turn on those integrated 8 digital timing
channels.
Industry’s first WaveGen built-in 20 MHz function
generator with a modulation capability
An industry first, the 2000 X-Series offers an integrated 20 MHz
function generator, now available with the signal modulation
capability. Ideal for educational or design labs where bench space
and budget are at a premium, the integrated function generator
provides stimulus output of sine, square, ramp, pulse, DC and
noise waveforms to your device under test. No need to buy a
separate function generator when you can get one integrated in
your new oscilloscope. Turn on WaveGen at any time by ordering
the DSOX2WAVEGEN option and install the license yourself.
Hardware-based serial protocol decode and
triggering
– Embedded serial triggering and analysis (I²C, SPI)
– Computer serial triggering and analysis (RS232/422/485/
UART)
– Automotive and industrial serial triggering and analysis (CAN,
LIN)
Keysight’s InfiniiVision Series oscilloscopes are the industry’s first
scopes to use hardware-based serial protocol decoding. Other
vendors’ oscilloscopes use software post-processing techniques
that slow down both waveform and decode update rate. That’s
especially true when using deep memory, which is often required
to capture multiple packetized serial bus signals. Faster decoding
with hardware-based technology enhances scope usability and,
more importantly, the probability of capturing infrequent serial
communication errors.
Do More With The Power Of 5 Instruments In 1
After capturing a serial bus communication, you can easily
perform a search-and-navigation operation based on specific
criteria of your interest. Note, the digital channels and serial
protocol analysis cannot be used simultaneously.
Integrated digital voltmeter
An industry first, the 2000 X-Series offers an integrated 3-digit
voltmeter (DVM) and 5-digit frequency counter inside the
oscilloscopes. The voltmeter operates through the same probes
as the oscilloscope channels, however, the measurements are
de-coupled from the oscilloscope triggering system so that both
the DVM and triggered oscilloscope measurements can be made
with the same connection. The voltmeter results are always
displayed, keeping these quick characterization measurements
at your fingertips. Turn on DVM at any time by ordering the
DSOXDVM option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com