Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 19 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 19 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 15Page - Keysight Technologies 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies 2000 Datasheet HTML 19Page - Keysight Technologies 2000 Datasheet HTML 20Page - Keysight Technologies 2000 Datasheet HTML 21Page - Keysight Technologies 2000 Datasheet HTML 22Page - Keysight Technologies 2000 Datasheet HTML 23Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Performance Characteristics (Continued)
WaveGen – built-in function generator (Specifications are typical) (Continued)
Modulation
Modulation types: AM, FM, FSK
Carrier waveforms: Ssine, ramp
Modulation source: Internal (no external modulation capability)
AM:
Modulation waveform: Sine, square, ramp
Modulation frequency (1 Hz to 20 kHz)
Depth: 0 to 100%
FM:
Modulation: Sine, square, ramp (1 Hz to 20 kHz)
Modulation frequency (1 Hz to 20 kHz)
Minimum carrier frequency: 10 kHz
Minimum deviation: 1 Hz
Maximum deviation: 100 kHz or (carrier frequency - 9 kHz), whichever is smaller
FSK:
Modulation: 50% duty cycle square wave
FSK rate: 1 Hz to 20 kHz
Minimum carrier frequency: 10 kHz
Minimum hop frequency: 2 x FSK rate to 10 MHz
Integrated digital voltmeter (Specifications are typical)
Functions
ACrms, DC, DCrms, frequency
Resolution
ACV/DCV: 3 digits frequency: 5.5 digits
Measuring rate
100 times/second
Autoranging
Automatic adjustment of vertical amplification to maximize the dynamic range of measurements
Range meter
Graphical display of most recent measurement, plus extrema over the previous 3 seconds
Measurement range (Specifications are typical)
Frequency range
ACRms
20 Hz to 100 KHz
DCRms
20 Hz to 100 KHz
DC
NA
Frequency counter
1 Hz – BW of Scope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com