Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 17 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 17 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 13Page - Keysight Technologies 2000 Datasheet HTML 14Page - Keysight Technologies 2000 Datasheet HTML 15Page - Keysight Technologies 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies 2000 Datasheet HTML 19Page - Keysight Technologies 2000 Datasheet HTML 20Page - Keysight Technologies 2000 Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Performance Characteristics (Continued)
Cursors
Types
Amplitude, time , frequency (FFT), manual, tracking, binary, HEX
Measurements
ΔT, 1/ΔT, ΔV/X, 1/ΔX, ΔY, Phase and Ratio
Cursors 2
– Single cursor accuracy: ± [DC vertical gain accuracy + DC vertical offset accuracy + 0.25% full scale]
– Dual cursor accuracy: ± [DC vertical gain accuracy + 0.5% full scale] 1
Automatic waveforms measurements
Voltage
Snapshot all, maximum, minimum, peak-to-peak, top, base, amplitude, overshoot, preshoot, average- N cycles,
average-full screen, DC RMS- N cycles, DC RMS- full screen, AC RMS- N cycles, AC RMS- full screen (std dev)
Time
Period, frequency, rise time, fall time, + width, – width, duty cycle, delay A→B (rising edge), delay A→B
(falling edge), phase A→B (rising edge,) and phase A→B (falling edge), bit rate
Waveform math
Operators
Add, subtract, multiply, divide, FFT
FFT
Windows: Hanning, flat top, rectangular; Blackman-Harris - up to 64 kpts resolution
Sources
Math functions available between any two channels
Display characteristics
Display
8.5-inch WVGA color TFT LCD
Resolution
800 (H) x 480 (V) pixel format (screen area)
Interpolation
Sin(x)/x interpolation (using FIR filter; used when there is less than one sample per column of the display)
Persistence
Off, infinite, variable persistence (100 ms to 60 s)
Intensity gradation
64 intensity levels
Modes
Normal
XY - XY mode changes the display from voltage versus time scale to a volts versus volts scale
Roll – Displays the waveform moving across the screen from right to left much like a strip chart recorder
MSO (digital channels)
Upgradable from DSO
Yes
MSO channels
8 channels (D0 to D7)
Maximum sample rate
1 GSa/s
Maximum record length
500 kpts per channel (digital channels only)
125 kpts per channel (analog and digital channels)
Threshold selections
TTL (+1.4 V), CMOS (+2.5 V), ECL (—1.3 V), User-definable (± 8.0 V in 10 mV stops)
Threshold accuracy 1
± (100 mV + 3% of threshold settings)
Maximum input dynamic range
± 10 V about threshold
Minimum voltage swing
500 mVpp
Input impedance
100 kΩ ± 2% at probe tip, ~8 pF
Minimum detectable pulse width 5 ns
Channel-to-channel skew
2 ns (typical), 3 ns (maximum)
1. Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and from ± 10 °C firmware calibration
temperature.
2. 1 mV/div and 2 mV/div is a magnification of 4 mV/div setting. For vertical accuracy calculations, use full scale of 32 mV for 2 mV/div sensitivity setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com