Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 11 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 7Page - Keysight Technologies 2000 Datasheet HTML 8Page - Keysight Technologies 2000 Datasheet HTML 9Page - Keysight Technologies 2000 Datasheet HTML 10Page - Keysight Technologies 2000 Datasheet HTML 11Page - Keysight Technologies 2000 Datasheet HTML 12Page - Keysight Technologies 2000 Datasheet HTML 13Page - Keysight Technologies 2000 Datasheet HTML 14Page - Keysight Technologies 2000 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Quickly and easily set up or upgrade a teaching
lab
Teach your students what an oscilloscope is and how to perform
basic measurements with the Educator’s Oscilloscope Training
Kit (DSOXEDK). It includes training tools created specifically
for electrical engineering and physics undergraduate students
and professors. It contains an array of built-in training signals,
a comprehensive oscilloscope lab guide and tutorial written
specifically for the undergraduate student, and an oscilloscope
fundamentals PowerPoint slide set for professors and lab
assistants. For more information, refer to www.keysight.com/
find/EDK. Also available are DreamCatcher’s full semester
application-specific courseware written around Keysight test
and measurement equipment: www.dreamcatcher.asia/cw. With
features such as the ability to disable autoscale and the 50-Ω
input data path, the InfiniiVision X-Series is a perfect choice for
education.
Get your students to quickly put the scope to work
Intuitive localized front panel design with pushable knobs for
quick access to commonly used oscilloscope functions helps
students spend more time learning the concepts and less time
learning how to use the oscilloscope. Enable your students to
answer their own questions with the localized built-in help system
that provides quick access by simply pressing and holding any
button.
Stretch your budget over the long term
Save money with an industry-exclusive built-in 20 MHz WaveGen,
instead of a separate function generator. Buy what you need
today and protect your investment in the future with the only
oscilloscopes in this class with upgradable bandwidth, 8 digital
channels (MSO), WaveGen, integrated digital voltmeter and
measurement applications. Get long scope life and keep repair
costs to a minimum with a standard 5-year warranty 1, and an
instrument reliability you’ve come to expect from the leader in
test and measurement equipment.
Optimize lab bench space
With 5 instruments in 1, you will save on precious lab bench
space by getting an oscilloscope, logic timing analyzer, serial
protocol analyzer, WaveGen function generator and integrated
digital voltmeter all in one innovative instrument with a footprint
that is only 5.57 inches deep. With the large 8.5-inch WVGA
display, you can easily view all signals on one screen with enough
viewing area for more than one student to view.
1. Applies to all orders on or after 1/1/2013.
Designed With Education In Mind
Keysight Technologies
DSOXEDK Educator’s
Oscilloscope Training Kit
Lab Guide and Tutorial for
Undergraduate Electrical
Engineering and Physics
Students



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com