Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 6 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 2Page - Keysight Technologies 2000 Datasheet HTML 3Page - Keysight Technologies 2000 Datasheet HTML 4Page - Keysight Technologies 2000 Datasheet HTML 5Page - Keysight Technologies 2000 Datasheet HTML 6Page - Keysight Technologies 2000 Datasheet HTML 7Page - Keysight Technologies 2000 Datasheet HTML 8Page - Keysight Technologies 2000 Datasheet HTML 9Page - Keysight Technologies 2000 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
06 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Upgradability
Project needs change, but traditional oscilloscopes are fixed
– you get what you pay for at the time of purchase. With the
2000 X-Series, your investment is protected. If you need more
bandwidth (up to 200 MHz), digital channels, memory, WaveGen,
integrated digital voltmeter, or measurement applications in the
future, you can easily add them all after the fact.
See page 21 for more information on upgradable products.
Add at the time of your purchase or upgrade later:
– Bandwidth
– Digital channels (MSO)
– Memory
– WaveGen built-in 20 MHz function generator
– Integrated digital voltmeter (DVM)
– Serial protocol analysis
– Measurement applications
– Mask testing
– Segmented memory
– Educators’ lab kit
Mask testing
Whether performing pass/fail tests to specified standards in
manufacturing or testing for infrequent signal anomalies in R&D
debug, the mask test option can be a valuable productivity tool.
The 2000 X-Series features hardware-based mask testing and
can perform up to 50,000 tests per second.
Segmented memory
When capturing low-duty cycle pulses or data bursts, you can
use segmented memory acquisition to optimize acquisition
memory. Segmented memory acquisition lets you selectively
capture and store important segments of signals without
capturing unimportant signal idle/dead-time. Segmented memory
acquisition is ideal for applications including packetized serial
pulses, pulsed laser, radar bursts and high-energy physics
experiments. Up to 250 segments can be captured on the 2000
X-Series models with a minimum re-arm time under 19 µs.
Get More Investment Protection with the Industry’s Only Fully Upgradable
Oscilloscope
30-day trial license
The 2000 X-Series comes with a one-time 30-day all-optional-
features trial license. You can choose to start the 30-day trial at
any time. In addition you can redeem individual optional feature
30-day trial licenses at any time by visiting
www.keysight.com/find/30daytrial. This enables you to receive
in effect 60 days of trial license of each optional feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com