Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 15 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 15 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 11Page - Keysight Technologies 2000 Datasheet HTML 12Page - Keysight Technologies 2000 Datasheet HTML 13Page - Keysight Technologies 2000 Datasheet HTML 14Page - Keysight Technologies 2000 Datasheet HTML 15Page - Keysight Technologies 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies 2000 Datasheet HTML 19Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Performance Characteristics
Specification overview
2002A
2004A
2012A
2014A
2022A
2024A
Bandwidth 1 (–3 dB)
70 MHz
100 MHz
200 MHz
Calculated rise time (10 to 90%)
≤ 5 ns
≤ 3.5 ns
≤ 1.75 ns
Input channels
DSOX
2
4
2
4
2
4
MSOX
2 + 8
4 + 8
2 + 8
4 + 8
2 + 8
4 + 8
Maximum sample rate 1
2 GSa/s half-channel interleaved, 1 GSa/s per channel
Maximum memory depth
100 kpts per channel (standard), 1 Mpt per channel (optional with DSOX2MEMUP)
Display size and type
8.5-inch WVGA with 64 levels of intensity grading
Waveform update rate
50,000 waveforms per second
Vertical system analog channels
Input coupling
AC, DC
Input sensitivity range
1 mV/div to 5 V/div 2
Input impedance
1 MΩ ± 2% (11 pF)
Vertical resolution
8 bits (measurement resolution is 12 bits with averaging)
Dynamic range
± 8 divisions from center screen
Maximum input voltage
300 Vrms, 400 Vpk; transient overvoltage 1.6 kVpk
With N2862B or N2863B 10:1 probe: 300 Vrms
Frequency de-rating (assumes sine wave input): 400 Vpk until 40 kHz. Then de-rates at
20 db/dec until 6 Vpk
DC vertical accuracy
± [DC vertical gain accuracy + DC vertical offset accuracy + 0.25% full scale] 2
DC vertical gain accuracy 1
± 3% full scale (≥ 10 mV/div); ± 4% full scale (< 10 mV/div) 2
DC vertical offset accuracy
± 0.1 div ± 2mV ± 1% of offset setting
Channel-to-channel isolation
≥ 40 dB from DC to maximum specified bandwidth of each model
Position/offset range
1 MΩ
1 mV to 200 mV/div: ± 2 V, > 200 mV to 5 V/div: ± 50 V
Hardware bandwidth limits
Approximately 20 MHz (selectable)
Horizontal system analog channels
2002A
2004A
2012A
2014A
2022A
2024A
Time base range
5 ns/div to 50 s/div
2 ns/div to 50 s/div
Horizontal resolution
2.5 ps
Time base accuracy 1
25 ppm ± 5 ppm per year (aging)
Time base delay time range
Pre-trigger
Greater of 1 screen width or 200 μs (400 μs in interleaving mode)
Post-trigger
1 s to 500 s
Channel-to-channel deskew range
± 100 ns
Δ Time accuracy (using cursors)
± (time base accuracy 1 reading) ± (0.0016 1 screen width) ± 100 ps
1. Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and from ± 10 °C firmware calibration
temperature.
2. 1 mV/div and 2 mV/div is a magnification of 4 mV/div setting. For vertical accuracy calculations, use full scale of 32 mV for 1 mV/div and 2 mV/div sensitivity
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com