Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 7 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 3Page - Keysight Technologies 2000 Datasheet HTML 4Page - Keysight Technologies 2000 Datasheet HTML 5Page - Keysight Technologies 2000 Datasheet HTML 6Page - Keysight Technologies 2000 Datasheet HTML 7Page - Keysight Technologies 2000 Datasheet HTML 8Page - Keysight Technologies 2000 Datasheet HTML 9Page - Keysight Technologies 2000 Datasheet HTML 10Page - Keysight Technologies 2000 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
07 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Reference waveforms
Store up to two waveforms in the scope’s non-volatile reference
waveform memory locations. Compare these reference
waveforms with live waveforms, and perform post analysis and
measurements of stored data. You can also store waveform data
on a removable USB memory device that can be recalled back
into one of the available two reference memories of the scope for
full waveform measurement and analysis. Save and/or transfer
waveforms as XY data pairs in a comma-separated values
format (*.csv) for PC analysis. Save screen images to a PC for
documentation purposes in a variety of formats including: 8-bit
bitmaps (*.bmp), 24-bit bitmaps (*.bmp), and PNG 24-bit images
(*.png).
Localized GUI and help
Operate the scope in the language most familiar to you. The
graphical user interface, built-in help system, front panel
overlays, and user’s manual are available in 13 languages. Choose
from: English, Japanese, simplified Chinese, traditional Chinese,
Korean, German, French, Spanish, Russian, Portuguese, Thai,
Polish and Italian. During operation, access the built-in help
system just by pressing and holding any button.
Probe solutions
Get the most out of your 2000 X-Series scope, by using
the right probes and accessories for your application.
Keysight offers a complete family of innovative probes and
accessories for the InfiniiVision 2000 X-Series scopes.
For the most up-to-date and complete information about
Keysight’s probes and accessories, please visit our Web site at
www.keysight.com/find/scope_probes.
Other Productivity Tools
Autoscale
Quickly display any active signals and automatically set the
vertical, horizontal and trigger controls for optimal viewing with
the press of the autoscale button. (This feature can be disabled or
enabled for the education environment via a USB thumb drive file
with a SCPI remote comand).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com