Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 18 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 18 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 14Page - Keysight Technologies 2000 Datasheet HTML 15Page - Keysight Technologies 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies 2000 Datasheet HTML 19Page - Keysight Technologies 2000 Datasheet HTML 20Page - Keysight Technologies 2000 Datasheet HTML 21Page - Keysight Technologies 2000 Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Performance Characteristics (Continued)
WaveGen – built-in function generator (Specifications are typical)
Waveforms
Sine, square, pulse, triangle, ramp, noise, DC
Sine
– Frequency range: 0.1 Hz to 20 MHz
– Amplitude flatness: ± 0.5 dB (relative to 1 kHz)
– Harmonic distortion: –40 dBc
– Spurious (non harmonics): –40 dBc
– Total harmonic distortion: 1%
– SNR (50 Ω load, 500 MHz BW): 40 dB (Vpp ≥ 0.1 V); 30 dB (Vpp <0.1 V)
Square wave/pulse
– Frequency range: 0.1 Hz to 10 MHz
– Duty cycle: 20 to 80%
– Duty cycle resolution: Larger of 1% or 10 ns
– Pulse width: 20 ns minimum
– Pulse width resolution: 10 ns or 5 digits, whichever is larger
– Rise/fall time: 18 ns (10 to 90%)
– Overshoot: < 2%
– Asymmetry (at 50% DC): ± 1% ± 5 ns
– Jitter (TIE RMS): 500 ps
Ramp/triangle wave
– Frequency range: 0.1 Hz to 100 kHz
– Linearity: 1%
– Variable symmetry: 0 to 100%
– Symmetry resolution: 1%
Noise
Bandwidth: 20 MHz typical
Frequency
– Sine wave and ramp accuracy:
– 130 ppm (frequency < 10 kHz)
– 50 ppm (frequency > 10 kHz)
– Square wave and pulse accuracy:
– [50+frequency/200] ppm (frequency < 25 kHz)
– 50 ppm (frequency ≥ 25 kHz)
– Resolution: 0.1 Hz or 4 digits, whichever is larger
Amplitude
– Range:
– 20 mVpp to 5 Vpp into Hi-Z
– 10 mVpp to 2.5 Vpp into 50 Ω
– Resolution: 100 µV or 3 digits, whichever is larger
– Accuracy: 2% (frequency = 1 kHz)
DC offset
– Range:
– ± 2.5 V into Hi-Z
– ± 1.25 V into 50 ohms
– Resolution: 100 μV or 3 digits, whichever is larger
– Accuracy: ± 1.5% of offset setting ± 1.5% of amplitude ± 1 mV
Trigger output
Trigger output available on Trig out BNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com