Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 14 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 14 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 10Page - Keysight Technologies 2000 Datasheet HTML 11Page - Keysight Technologies 2000 Datasheet HTML 12Page - Keysight Technologies 2000 Datasheet HTML 13Page - Keysight Technologies 2000 Datasheet HTML 14Page - Keysight Technologies 2000 Datasheet HTML 15Page - Keysight Technologies 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Step 1. Choose your bandwidth and channel count
InfiniiVision 2000 X-Series scopes
2002A
2004A
2012A
2014A
2022A
2024A
Bandwidth 1 (–3 dB)
70 MHz
100 MHz
200 MHz
Calculated rise time (10 to 90%) ≤ 5 ns
≤ 3.5 ns
≤ 1.75 ns
Input channels DSOX
2
4
2
4
2
4
MSOX
2 + 8
4 + 8
2 + 8
4 + 8
2 + 8
4 + 8
Step 2. Tailor your scope with measurement applications to save time and money 2
Application
2000 X-Series
1 Megapoint memory upgrade
DSOX2MEMUP (-010)
Embedded serial triggering and analysis (I²C, SPI)
DSOX2EMBD (-LSS) 3
Computer serial triggering and analysis (RS232/422/485/UART)
DSOX2COMP (-232) 3
Automotive serial triggering and analysis (CAN, LIN)
DSOX2AUTO (-AMS) 3
WaveGen (built-in function generator)
DSOX2WAVEGEN (-001)
Integrated digital voltmeter
DSOXDVM (-DVM)
Educator’s kit
DSOXEDK (-EDK)
Mask testing
DSOX2MASK (-LMT)
Segmented memory
DSOX2SGM (-SGM)
InfiniView oscilloscope analysis software
N8900A
Keysight spectrum visualizer (ASV)
64997A
Step 3. Choose your probes 4
Probes
2000 X-Series
N2862B 150 MHz 10:1 passive probe
Standard one per channel for 70 and 100 MHz models
N2863B 300 MHz, 10:1 passive probe
Standard one per channel for 200 MHz models
N2755A 8-channel logic probe and accessory kit
Standard on MSO models or with DSOX2MSO upgrade
N2889A 350 MHz 10:1/1:1 passive probe
Optional
10070D 20 MHz 1:1 passive probe with probe ID
Optional
10076A 250 MHz 100:1, 4 kV high-voltage passive probe with probe ID
Optional
N2791A 25 MHz, ± 700 V high-voltage differential probe
Optional
1146A 100 kHz, 100 A, AC/DC current probe
Optional
Step 4. Add the final touches
Recommended accessories
2000 X-Series
LAN/VGA connection module
DSOXLAN
GPIB connection module
DSOXGPIB
Rack mount kit
N6456A
Soft carrying case and front panel cover
N6457A
Hard copy manual
N6458A
Front panel cover (only)
N2747A
ANSI Z540-1-1994 Calibration
MSOX or DSOX2000-A6J
1. For example, if you chose 100 MHz, 2+8 channels, the model number will be MSOX2012A.
2. See pages 20 to 21 for more detailed information on upgradability, and installation process.
3. Serial trigger and decode application will not run simultaneously with digital channels.
4. See page 20 for probe compatibilty table. For more information on probes and accessories, see the Keysight literature 5968-8153EN.
Configuring Your InfiniiVision X-Series Oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com