Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 20 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 20 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies 2000 Datasheet HTML 19Page - Keysight Technologies 2000 Datasheet HTML 20Page - Keysight Technologies 2000 Datasheet HTML 21Page - Keysight Technologies 2000 Datasheet HTML 22Page - Keysight Technologies 2000 Datasheet HTML 23Page - Keysight Technologies 2000 Datasheet HTML 24Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Connectivity
Standard ports
One USB 2.0 hi-speed device port on rear panel. Supports USBTMC protocol
Two USB 2.0 hi-speed host ports, front and rear panel
Supports memory devices, printers and keyboards
Optional ports
GPIB, LAN, WVGA video out
General and environmental characteristics
Power line consumption
100 W
Power voltage range
100 to 120 V, 50/60/400 Hz; 100 to 240 V, 50/60 Hz ± 10% auto ranging
Temperature
Operating: 0 to +55 °C
Non-operating: –30 to +71 °C
Humidity
Operating: Up to 80% RH at or below +40 °C; up to 45% RH up to +50 °C
Non-operating: Up to 95% RH up to 40 °C; up to 45% RH up to 50 °C
Altitude
Operating: Up to 4,000 m, Non-operating 15,300 m
Electromagnetic compatibility
Meets EMC Directive (2004/108/EC), meets or exceeds IEC 61326-1:2005/EN
61326-1:2006 Group 1 Class A requirement
CISPR 11/EN 55011
IEC 61000-4-2/EN 61000-4-2
IEC 61000-4-3/EN 61000-4-3
IEC 61000-4-4/EN 61000-4-4
IEC 61000-4-5/EN 61000-4-5
IEC 61000-4-6/EN 61000-4-6
IEC 61000-4-11/EN 61000-4-11
Canada: ICES-001:2004
Australia/New Zealand: AS/NZS
Safety
UL61010-1 2nd edition, CAN/CSA22.2 No. 61010-1-04
Dimensions (W x H x D)
381 mm (15 in) x 204 mm (8 in) x 142 mm (5.6 in)
Weight
Net: 3.9 kg (8.5 lbs), shipping: 4.1 kg (9.0 lbs)
Nonvolatile storage
Reference waveform display
2 internal waveforms or USB thumb drive
Waveform storage
Set up, .bmp, .png, .csv, ASCII, XY, reference waveforms, .alb, .bin, lister, mask , HDFS
Max USB flash drive size
Supports industry standard flash drives
Set ups without USB flash drive
10 internal setups
Set ups with USB flash drive
Limited by size of USB drive
InfiniiVision X-Series Physical Characteristics
Included standard with oscilloscope
Standard 5-year warranty 1 (90 days for unserialized accessories such as passive probes)
Standard secure erase
Standard probe
N2862B 150 MHz 10:1 passive probe
Standard one per channel for 70 and 100 MHz models
N2863B 300 MHz, 10:1 passive probe
Standard one per channel for 200 MHz models
N6459-60001 8-channel logic probe and accessory kit
Standard on MSO models or with DSOX2MSO upgrade
Built-in help language support for English, Japanese, simplified Chinese, traditional Chinese, Korean, German, French, Spanish, Russian, Portuguese and
Italian, Certificate of Calibration, Documentation CD
Interface language support GUI menus: English, Japanese, simplified Chinese, traditional Chinese, Korean, German, French, Spanish, Russian,
Portuguese, Thai, Polish and Italian
Localized power cord
1.
Applies to all orders on or after 1/1/2013.
For MET/CAL procedures, click on the Cal Labs solutions link below Cal Labs Solutions http://www.callabsolutions.com/products/Keysight/
These procedures are FREE to customers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com