Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 8 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 4Page - Keysight Technologies 2000 Datasheet HTML 5Page - Keysight Technologies 2000 Datasheet HTML 6Page - Keysight Technologies 2000 Datasheet HTML 7Page - Keysight Technologies 2000 Datasheet HTML 8Page - Keysight Technologies 2000 Datasheet HTML 9Page - Keysight Technologies 2000 Datasheet HTML 10Page - Keysight Technologies 2000 Datasheet HTML 11Page - Keysight Technologies 2000 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
08 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Other Productivity Tools (Continued)
Secure erase
The secure erase feature comes standard with all InfiniiVision
X-Series models. At the press of a button, internal nonvolatile
memory is clear of all setup, reference waveforms, and user
preferences, ensuring the highest level of security in compliance
with National Industrial Security Program Operation Manual
(NISPOM) Chapter 8 requirements.
Virtual front panel
In addition to the traditional VNC virtual front panel remote
operation through your favorite PC Web browser, the InfiniiVision
X-Series supports remote oscilloscope control from your tablet
devices. The tablet virtual front panel looks and acts as the real
front panel on the oscilloscope. Control the setting, save/recall
data, get image, and more.
Connectivity and LXI compatibility
Built-in USB host (one front, one back) and USB device ports
make PC connectivity easy. Operate the scope from your PC and
save and recall stored waveforms as well as set-up files via LAN.
An optional LAN/VGA module gives you network connectivity and
complete LXI class C support as well as the ability to connect to
an external monitor. An optional GPIB module is also available.
Only one module may be used at a time.
BV0000A BenchVue lets you visualize the 2000 X-Series and
multiple measurements simultaneously. Save time with the ability
to export measurement data to Excel, Word and MATLAB in three
clicks. Monitor and control your 2000 X-Series with a mobile
device from anywhere. Learn more at
www.keysight.com/find/BenchVue.
View Scope enables simple and free time-correlated me
asurements between a 2000 X-Series oscilloscope and a Keysight
16900 or 16800 Series logic analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com