Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 10 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 6Page - Keysight Technologies 2000 Datasheet HTML 7Page - Keysight Technologies 2000 Datasheet HTML 8Page - Keysight Technologies 2000 Datasheet HTML 9Page - Keysight Technologies 2000 Datasheet HTML 10Page - Keysight Technologies 2000 Datasheet HTML 11Page - Keysight Technologies 2000 Datasheet HTML 12Page - Keysight Technologies 2000 Datasheet HTML 13Page - Keysight Technologies 2000 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Other Productivity Tools (Continued)
Keysight Spectrum Visualizer (ASV) software
This PC-based software package connects to the scope via
USB or ethernet connection and uses the Keysight I/O libraries
to communicate. It provides advanced FFT frequency domain
analysis at a cost-effective price as well as spectrum and
spectrogram analysis with an intuitive user interface that RF
engineers are familiar with. Tools include:
Spectrum measurements
– Power (dBm) vs. frequency
– Horizontal (x-axis): Specify center frequency and frequency
span, or start and stop frequencies
– Vertical (y-axis): Specify reference level (dBm) and scale
(dB/div)
– Settable resolution bandwidth
– Flat top, Gaussian, or Hanning windows applied to the time
domain data for the FFT analysis
– Marker to peak amplitude, and marker to center frequency.
– Marker peak search can be enabled for time-varying signals
– Multiple marker, with delta X and delta Y readouts
Acquisition and display modes
– Free Run (continuous ), Triggered, Stop, Single, Preset
– Triggered mode: specify trigger power level (dBm), single or
continuous sweep
– Enable/disable y-axis label
– Enable/disable main trace display
– Max hold display mode
– Gated Measurements
– Multiple viewing options
– Spectrogram
– Waterfall
– 3D
– Changeable scaling settings on main window
– Local language support
– Multiple oscilloscopes can be configured to allow user to
rapidly switch between multiple instruments
Arbitrary waveform generator source control
– 20 MHz sine wave
– 10 MHz square wave
– Pulsed waveform
– WaveGen source settings can be altered while ASV is running
for interactive signal source and analysis capability
Waterfall View for ASV Spectrogram Measurement
Close-Up Detail on Frequency Shift Keying (FSK) Characteristics with the
ASV Spectrogram Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com