Electronic Components Datasheet Search
  English  ▼

X  

2000 Datasheet(PDF) 16 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 16 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 12Page - Keysight Technologies 2000 Datasheet HTML 13Page - Keysight Technologies 2000 Datasheet HTML 14Page - Keysight Technologies 2000 Datasheet HTML 15Page - Keysight Technologies 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies 2000 Datasheet HTML 19Page - Keysight Technologies 2000 Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Performance Characteristics (Continued)
Acquisition modes
Normal
Peak detect
Capture glitch as narrow as 500 ps at all timebase settings
Averaging
Select from 2, 4, 8, 16, 64... to 65,536
High resolution mode
12 bits of resolution when ≥ 20 µs/div
Segmented
Re-arm time= 19 µs (minimum time between trigger events)
Trigger system
Trigger modes
– Normal (triggered): requires trigger event for scope to trigger
– Auto: triggers automatically in absence of trigger event
– Single: triggers only once on a trigger event, press [Single] again for scope to find another trigger event, or press
[Run] to trigger continuously in either Auto or Normal mode
– Force: front panel button that forces a trigger
Trigger coupling
Coupling selections: AC, DC, noise reject, LF reject and HF reject
Trigger source
Each analog channel, each digital channel (MSO models or DSOX2MSO upgrade, Ext, WaveGen, line)
Trigger sensitivity (internal) 1
< 10 mV/div: greater of 1 div or 5 mV; ≥ 10 mV/div: 0.6 div
Trigger sensitivity (external) 1
200 mV (DC to 100 MHz); 350 mV (100 MHz - 200 MHz)
External trigger input
Included on all models
Trigger type selections
All 2000 X-Series models
Edge
Trigger on a rising, falling, alternating or either edge of any source
Pulse width
Trigger on a pulse on a selected channel, whose time duration is less than a value, greater than a value, or inside a time
range
– Minimum duration setting: 2 to 10 ns (depends on bandwidth)
– Maximum duration setting: 10 s
Pattern
Trigger when a specified pattern of high, low, and don’t care levels on any combination of analog, digital, or trigger
channels is [entered | exited]. Pattern must have stabilized for a minimum of 2 ns to qualify as a valid trigger condition.
Video
Trigger on all lines or individual lines, odd/even or all fields from composite video, or broadcast standards (NTSC, PAL,
SECAM, PAM-M)
I²C (optional)
Trigger on I²C (Inter-IC bus) serial protocol at a start/stop condition or user defined frame with address and/or data
values. Also trigger on missing acknowledge, address with no accq, restart, EEPROM read, and 10-bit write.
SPI (optional)
Trigger on SPI (Serial Peripherial Interface) data pattern during a specific framing period. Supports positive and negative
Chip Select framing as well as clock Idle framing and userspecified number of bits per frame.
CAN (optional)
Trigger on CAN (controller area network) version 2.0A and 2.0B signals. Trigger on the start of frame (SOF) bit (standard).
Remote frame ID (RTR), data frame ID (~RTR), remote or data frame ID, data frame ID and data, error frame, all errors,
acknowledge error and overload frame.
LIN (optional)
Trigger on LIN (Local Interconnect Network) sync break, sync frame ID, or frame ID and data
RS232/422/485/UART
(optional)
Trigger on Rx or Tx start bit, stop bit or data content
1. Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and from ± 10 °C firmware calibration
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com