Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 70 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 70 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
70/154
●RX Related Function
●AFC function
ML7344 supports AFC function. Master clock Frequency accuracy (max. ±10ppm) between transmitter and
receiver can be compensated by this function. Using this function, stable RX sensitivity and interference
blocking performance can be achieved. This function can be enabled by setting AFC_EN([AFC/GC_CTRL:
B1 0x15(7)])=0b1. AFC range is defined by AFC_LIM_OFF ([DEMOD_SET0:B1 0x56(2)]. When setting
0b0 (limit ON), AFC range is ±9ppm. When setting 0b1 (limit OFF), ±10ppm AFC range is avilable.
●Energy detection value (ED value) acquisition function
ML7344 supports calculating Energy detection value (ED value) based on Received signal strength indicator
(RSSI). ED value acquisition can be enabled by setting ED_CALC_EN ([ED_CTRL: B0 0x41(7)])=0b1 and as
soon as transition to RX_ON state, automatically start acquiring ED value. During RX_ON state, ED value
constantly updated.
ED value is not RSSI value at given timing, but average values. Number of average times can be specified by
ED_AVG[2:0] ([ED_CTRL: B0 0x41(2-0)]). After acquiring specified average ED value, ED_DONE
([ED_CTRL: B0 0x41(4)]) becomes ”0b1” and ED_VALUE[7:0] ([ED_RSLT: B0 0x3A]) is updated.
ED_DONE bit will be cleared if one of the following conditions are met.
1. Gain is switched..
2. Once stopping ED value acquisition and then resume it
Timing from ED value starting point to ED value acquisition is calculated as below formula.
ED value average time = AD conversion time (18.5μs/14.7μs) * (Number of average times + 8(Deley)).
NOTE: AD conversion time can be slected by ADC_CLK_SEL([ADC_CLK_SET: B1 0x08(4)]).
Reset value is 1.73MHz and AD conversion time is 18.5μs.
Digital filter delay is “AD conversion time * 8”.
The timing example is as follows:
Set ADC_CLK_SEL ([ADC_CLK_SET: B1 0x08(4)]) =0b1. (1.73 MHz)
Set ED_AVG[2:0] ([ED_CTRL: B0 0x41(2-0)])=0b011. (8 times averaging)
RSSI value
(internal signal)
AD conversion (18.5μs)
ED_DONE
([ED_CTRL:B0 0x41(4)])
ED value calculation
execution flag
(internal signal)
ED_VALUE[7:0]
[ED_RSLT: B0 0x3A]
ED value averaging period (18.5μs*(8+8)=296μs)
RSSI
1
ED
1-8
INVALID
Compensation and averaging
ED
2-9
Constantly update
by moving average
ED
3-10
RSSI
2
RSSI
3
RSSI
4
RSSI
5
RSSI
6
RSSI
7
RSSI
8
RSSI
9
RSSI
10
RSSI
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com