Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
10/154
●Power supply/GND pins
Pin
Pin name
Reset
state
I/O
Active
Level
function
1
VDD_REG
−
VDDIO
−
Power supply pin for Regulator
(input voltage: 1.8V to 3.3V)
9
VDDIO
−
VDDIO
−
Power supply for digital I/O
(input voltage: 1.8 to 3.6V)
22
VDD_PA
−
VDDIO
−
Power supply for PA block
(input voltage: 18 to 3.6V, depending on TX mode)
25
VDD_RF
−
VDDRF
−
Power supply for RF blocks
(REG-OUT is connected, typ.1.5V)
27
VDD_CP
−
VDDRF
−
Power supply for charge pump
(REG-OUT is connected, typ.1.5V)
32
VDD_VCO
−
VDDRF
−
Power supply for VCO
(REG_OUT is connected, typ.1.5V)
29
GND_VCO
−
GND
−
GND for VCO
●Unused pins treatment
Unused pins treatments are as follows:
Unused pins treatment
Pin name
Pins number
Recommended treatment
N.C.
5
Open
N.C.
7
GND or Open
EXT_CLK
10
GND
A_MON
23
GND
GPIO0
16
Open
GPIO1
17
Open
GPIO2
18
Open
GPIO3
19
Open
(Note)
*1 If input pins are high-impedence state and leave open, excess current could be drawn. Care must be taken
that unused input pins and unused I/O pins should not be left open.
*2 After reset, GPIO1 pin is CLK_OUT function. If this function is not used, the clock must to be disabled by
setting 0b000 to GPIO1_IO_CFG[2:0] ([GPIO1_CTRL: B0 0x4F (2-0)]). If this pin is left open while
outputing clock signal, it may affect RX sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com