Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 31 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 31 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
31/154
●Packet Handling Function
●Packet format
ML7344 supports Wireless M-BUS frame FormatA/B, and Format C which is non Wireless M-BUS universal
format. The following packet handling are supported in FIFO mode or DIO mode
1) Preamble and SyncWord automatic insertion (TX)
--- DIO/FIFO mode
2) Preamble and SyncWord automatic detection (RX)
--- DIO/FIFOmode
3) Preamble and SyncWord automatic deletion (RX)
--- DIO/FIFO mode
4) CRC data insertion (TX)
--- FIFO mode
5) CRC check and error notification (RX)
--- DIO/FIFO mode
The following table shows the control bit relating with Packet format function.
Function
Control bit name
Packet format setting
PKT_FORMAT[1:0] ([PKT_CTRL1: B0 0x04(1-0)])
RX extended link layer mode disable
RX_EXTPKT_OFF ([PKT_CTRL1: B0 0x04(3)])
Data area bit order setting
DAT_LF_EN ([PKT_CTRL1: B0 0x04(4)])
Length area bit order setting
LEN_LF_EN ([PKT_CTRL1: B0 0x04(5)])
Extended link layer mode setting
EXT_PKT_MODE[1:0] ([PKT_CTRL1: B0 0x04(7-6)])
Length field setting
LENGTH_MODE ([PKT_CTRL2: B0 0x05(0)])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com