Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 12 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 12 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
12/154
●Recommended Operating Conditions
Item
Symbol
Conditions
Min
Typ.
Max
Unit
Power Supply (I/O)
VDDIO
VDD_IO, VDD_REG pins
1.8
3.3
3.6
V
VDD_PA pin
TX power = 1mW
1.8
3.3
3.6
V
VDD_PA pin
TX power = 10mW
2.1
3.3
3.6
V
VDD_PA pin
TX power = 20mW
2.6
3.3
3.6
V
Power Supply (PA)
VDDPA
VDD_PA pin
TX power = 100mW
3.3
-
3.6
V
Ambient Temperature
Ta
-
-40
+25
+85
ºC
Digital input rising time
TIR
Digital input pins (*1)
-
-
20
ns
Digital input falling time
TIF
Digital Input pins (*1)
-
-
20
ns
Digital output loads
CDL
All Digital Output pins
-
-
20
pF
Master clock frequency
FMCK1
(*2)
-
26
-
MHz
Master clock accuracy
ACMCK
(*3)
-10
+10
ppm
TCXO Input voltage
VTCXO
DC cut
(ML7344xT)
0.8
-
1.5
Vpp
SPI clock frequency
FSCLK
SCLK pin
0.032
2
16
MHz
SPI clock duty ratio
DSCLK
SCLK pin
45
50
55
%
RF channel frequency
FRF
ML7344C
ML7344E
ML7344J
470
160
315
-
-
-
510
180
450
MHz
(*1) Those pins with symbol I, Is at pin definition section
(*2) XIN and XOUT pin (ML7344xC), TCXO pin (ML7344xT)
(*3) This difinition is the specification of RF communication availability, not the system requirement.
Use the appropriate frequency accuracy under each specificaton requirement as below.
Specification
Required accuracy
RCR STD-30 type III (Japan)
±10 ppm
RCR STD-30 type IV (Japan)
±4 ppm
Wireless M-bus N mode
±1.5kHz (±8.5 ppm, 4.8kbps)
±2.0kHz (±11.803 ppm, 2.4kbps)
Wireless M-bus F mode
±16 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com