Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 84 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 84 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
84/154
●Interrupt generation function
ML7344 support interrupt generation function. When interrupt occurs, interrupt notification signal (SINTN)
become “L” to notify interrupt to the host MCU. Interrupt elements are divided into the 3 groups,
[INT_SOURCE_GRP1: B0 0x0D], [INT_SOURCE_GRP2: B0 0x0E] and [INT_SOURCE_GRP3: B0 0x0F].
Each interrupt element can be maskalable using [INT_EN_GRP1: B0 0x10], [INT_EN_GRP2: B0 0x11] and
[INT_EN_GRP3: B0 0x12] registers. Interrupt notification signal (SINTN) can be output from GPIO* or
EXT_CLK. For output setting, please refer to [GPIO1_CTRL: B0 0x4E], [GPIO1_CTRL: B0 0x4F],
[GPIO2_CTRL: B0 0x50], [GPIO3_CTRL: B0 0x51] and [EXTCLK_CTRL: B0 0x52] registers.
NOTE: In one of unmask interrupt event occurs, SINTN maintains Low.
(1) Interrupt events table
Each interrupt event is described below table.
Register
Interrupt name
Description
INT[0]
Clock stabilization completion interrupt
INT[1]
VCO calibration completion interrupt/
INT[2]
PLL unlock interrupt or
VCO CAL request interrupt
INT[3]
RF state transition completion interrupt
INT[4]
FIFO-Empty interrupt
INT[5]
FIFO-Full interrupt
INT[6]
Wake-up timer completion interrupt
INT_SOURCE_GRP1
INT[7]
Clock calibration completion interrupt
INT[8]
RX completion interrupt
INT[9]
CRC error interrupt
INT[10]
Reserved
INT[11]
RX Length error interrupt
INT[12]
RX FIFO access error interrupt
INT[13]
SyncWord detection interrupt
INT[14]
Field checking interrupt
INT_SOURCE_GRP2
INT[15]
Sync error interrupt
INT[16]
TX completion interrupt
INT[17]
TX Data request accept completion interrupt
INT[18]
CCA completion interrupt
INT[19]
TX Length error interrupt
INT[20]
TX FIFO access error interrupt
INT[21]
Reserved
INT[22]
General purpose timer 1 interrupt
INT_SOURCE_GRP3
INT[23]
General purpose timer 2 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com