Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 96 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 96 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
96/154
●VCO adjustment
In order to compensate VCO operation margin, optimized capacitance compensation value should be set in
each TX/RX operation and frequency. This capacitance compensation value can be acquired by VCO
calibration.
By performing VCO calibration when power-up or reset, acquired capacitance compensation values for upper
limit and lower limit of operation frequency range (for both TX/RX), based on this value optimised capacitance
value is applied during TX/RX operation.
●VCO adjustment flow
The following flow is the procedure for acquiring capacitance compensation value when power-up or reset.
NOTE:1) VCO calibration should be performed only during IDLE state.
END
Yes
START
END
Setting low limit frequency
[VCO_CAL_MIN_I: B1 0x4D]
[VCO_CAL_MIN_FH: B1 0x4E]
[VCO_CAL_MIN_FM: B1 0x4F]
[VCO_CAL_MIN_FL: B1 0x50]
Setting operation frequency range
[VCO_CAL_MAX_N: B1 0x51]
Initialize
setting
VCO calibration completion INT. clear
INT[1] ([INT_SOURCE_GRP1: B0 0x0D])
Set VCO_CAL_START = 0b1
[VCO_CAL_START: B0 0x6F(0)]
Start
calibration
Calibration operation
Completion wait
VCO calibration completion INT?
INT[1] [INT_SOURCE_GRP1: B0 0x0D]
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com