Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 60 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 60 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
60/154
(2) 1 shot operation
[RX]
After wake-up timer completion, move to RX_ON state. And continue RX_ON state. Move to SLEEP state by
SLEEP command. If wake-up timer interval setting ([WUT_INTERVAL_H/L:B0 0x2F/0x30]) is maintained,
after re-issuing SLEEP command, 1 shot operation will be activated again.
If RX completed during RX_ON, continue operation defined by RXDONE_ MODE[1:0] ([RF_STATUS_
CTRL: B0 0x0A(3-2)]) . Same manner in TX_ON state.
RXON
TXON
Wake-up timer
Wake-up operation
enable setting
Continuous
operation timer
Wake-up timer operation range
[WUT_INTERVAL_H/L: B0 0x2F/0x30]
LSI state
After SLEEP command,
move to SLEEP state.
SLEEP
RXON
SLEEP
RXON
Wake-up timer completion
and move to RXON state
RX_ON is maintained if SLEEP
command is not issued.
[SLEEPWU_SET: B0 0x2D(7-4)]=0b1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com